Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA074MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMA074MF
Description  ADPT, NULL MDM DB25M/F SPECIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMA074MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMA074MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.684
42.77
1.852
47.04
.449
11.40
R.06
1.5
2X
4X R.13
3.4
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"NULL MODEM" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"J1"
DB25F
"P1"
DB25M
11
23
32
45
54
6, 8
20
77
20
6, 8
SHELL
SHELL
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"NULL MODEM" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
2X 4-40 UNC-2B
INTERNAL THREAD
2X 4-40 UNC-2A
JACKSCREW
.70
17.9
MALE, 25 PIN
D-SUB CONNECTOR
1.85
47.0
12.7
.50
2.10
53.4
FEMALE, 25 PIN
D-SUB CONNECTOR
.24
6.0
RECOMMENDED
PANEL OPENING
MAX PANEL THICKNESS: 0.06"
9/29/14
D
C
B
A
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
32
1
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
D. DESJARDIN
MAY VARY
REV.
A
C.MCCORMICK
D.PARHAM
R.CARRICK
02/12/01
02/12/01
02/12/01
A
CAD FILE: DMA074MF.SLDDRW
ADPT, NULL MDM DB25M/F SPECIAL
CATEGORY
PRODUCT DESCRIPTION
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
SCALE: 2:1
DMA074MF
FSCM NO.
UNLESS OTHERWISE SPECIFIED,
DRAWING REPLACES DMA074FM-OD1
43321
SHEET 1 OF 1
D-SUBMINIATURE
PROJECTION
UNDIMENSIONED FEATURES
MAY OCCUR
DIMENSIONS ARE IN INCHES [mm]
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2 [5.08]
.XX = ±.02 [.51]
.XXX = ± .005 [.13]


Similar Part No. - DMA074MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMA070MF L-COM-DMA070MF Datasheet
69Kb / 1P
ADPT, NULL MODEM DB25M/F STD
02/12/01
DMA071MF L-COM-DMA071MF Datasheet
69Kb / 1P
ADPT, NULL MODEM DB25M/F FULL
02/12/01
DMA072MF L-COM-DMA072MF Datasheet
70Kb / 1P
ADPT, NULL MODEM DB25M/F AUTO
02/12/0
More results

Similar Description - DMA074MF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
logo
List of Unclassifed Man...
P114-000 ETC2-P114-000 Datasheet
492Kb / 2P
Computer Cable, Null Modem Adapter DB25M to DB25F Gold Connectors
logo
Winchester Electronics ...
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com