Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA100MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMA100MM
Description  ADPT, VGA PS2 MON DB9M/HD15M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMA100MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMA100MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.806
20.47
.984
25.00
.449
11.40
4X R.13
3.4
2X R.06
1.5
JACKSCREW
SPECIFICATION
.19±.004
4.8±0.10
15.0
.59
.40±.02
10.2±0.5
RECOMMENDED
PANEL OPENING
MAX PANEL THICKNESS: 0.06"
MALE, 15 PIN
HIGH DENSITY
D-SUB CONNECTOR
.24
6.0
2X 4-40 UNC-2A
JACKSCREW
2X 4-40 UNC-2B
INTERNAL THREAD
.72
18.2
MALE, 9 PIN
D-SUB CONNECTOR
1.22
31.1
12.7
.50
.98
25.0
SCALE: 2:1
D
C
B
A
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
32
1
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
UNLESS OTHERWISE SPECIFIED,
SHEET 1 OF 1
CAD FILE: DMA100MM.SLDDRW
REV.
A
D.PARHAM
T.CLARK
R.CARRICK
11/12/2001
11/12/2001
11/12/2001
A
ADPT, VGA PS2 MON DB9M/HD15M
CATEGORY
PRODUCT DESCRIPTION
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
DRAWING REPLACES DMA100MM-OD1
DMA100MM
FSCM NO.
9/30/14
D. DESJARDIN
MAY VARY
43321
D-SUBMINIATURE
PROJECTION
UNDIMENSIONED FEATURES
MAY OCCUR
DIMENSIONS ARE IN INCHES [mm]
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2 [5.08]
.XX = ±.02 [.51]
.XXX = ± .005 [.13]
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"ADAPTOR" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"P1"
DB9M
"P2"
HD15M
11
22
33
413
514
66
77
88
9
10, 11
SHELL
SHELL
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"ADAPTOR" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
4-40 UNC-2B
X .180


Similar Part No. - DMA100MM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10I1600PA IXYS-DMA10I1600PA Datasheet
146Kb / 5P
Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA10IM1600PZ IXYS-DMA10IM1600PZ Datasheet
410Kb / 5P
Standard Rectifier
DMA10IM1600UZ IXYS-DMA10IM1600UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA10P1200HR IXYS-DMA10P1200HR Datasheet
428Kb / 5P
Standard Rectifier
More results

Similar Description - DMA100MM

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
3D USBPS2 Mouse
June 14, 2000
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
PS2 KEYBOARD CONTROLLER
logo
Winchester Electronics ...
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
logo
Assmann Electronics Inc...
AK528-5-R ASSMANN-AK528-5-R Datasheet
251Kb / 1P
PS2 EXTENSION CABLE
logo
Tripp Lite. All Rights ...
0DT23001 TRIPPLITE-0DT23001 Datasheet
490Kb / 2P
PS2 VGA over Cat5 UTP KVM Console Extender Kit - 360-ft
0DT23008 TRIPPLITE-0DT23008 Datasheet
498Kb / 2P
Mini PS2 VGA over Cat5 UTP KVM Console Extender Kit - 230-ft
logo
Wurth Elektronik GmbH &...
64403160111000 WURTH-64403160111000 Datasheet
233Kb / 4P
WR-ADPT Coax Adaptor
001.000
logo
Advantech Co., Ltd.
31D1-28100 ADVANTECH-31D1-28100 Datasheet
425Kb / 1P
Mini DB9M to DB9M Null Modem Adapter
BB-9PAMF1 ADVANTECH-BB-9PAMF1 Datasheet
746Kb / 1P
DB9M to DB9F Serial Cables
logo
NHP Electrical Engineer...
1408-EM3A-ENT NHP-1408-EM3A-ENT Datasheet
1,013Kb / 3P
PM1000 ENERGY MON. EM3 ETH
8 June 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com