Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB601MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMB601MF
Description  ADAPTOR DVI-A MALE/HD15 FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMB601MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMB601MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant 
NOTES:
1. ADAPTOR IS SHIPPED WITH DUST COVERS ASSEMBLED (NOT SHOWN).
2. ADAPTOR SHALL BE TESTED FOR CONTINUITY.
3. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
G
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
A
B
DATE
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
T CLARK
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
G
1
DMB601MF
D PARHAM
4/6/2002
8
1
4/12/2002
REVISIONS
DESCRIPTION
APPROVED
REV
4/12/2002
10/24/11
C MCCORMICK
ADAPTOR DVI-A MALE/HD15 FEMALE
MAY OCCUR
F
G
ECN 6221: CN RELEASE
ECN 6304: ADD TOLERANCE TO SCREW PROTRUSION
7/26/12
D.PARHAM
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DMB601MF.SLDDRW
DIMENSIONS ARE IN INCHES [mm]
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
VIDEO
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
THUMBSCREW
2x #4-40 METAL
2X #4-40 HEX
STANDOFF
1.69
42.88
MALE DVI-A
"P1"
CONNECTOR
PIN 1
.60
15.11
1.56
39.50
HIGH DENSITY
FEMALE 15-PIN
"J1"
D-SUB CONNECTOR
PIN 1
MOLDED HOOD,
PVC, GRAY (PANTONE 424C)
WITH 360° FOIL SHIELDING
±.010
3.8±.25
2X.150
2X .227
5.8
"P1"
"J1"
C5
6, 7, 8
C4
13
C3
3
C2
2
C1
1
15
5, 10
14, 16
9
814
712
615
SHELL
SHELL
WIRING TABLE


Similar Part No. - DMB601MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMB602FM L-COM-DMB602FM Datasheet
78Kb / 1P
ADAPTOR DVI-A FEMALE/HD15M
4/6/02
DMB603MF L-COM-DMB603MF Datasheet
80Kb / 1P
ADAPTER DVI-D MALE/DVI-I FEMALE
4/6/02
More results

Similar Description - DMB601MF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B5072A1-ND3G-50 AMPHENOL-B5072A1-ND3G-50 Datasheet
79Kb / 1P
BNC MALE TO FEMALE R/A ADAPTOR
logo
List of Unclassifed Man...
R125771001 ETC2-R125771001 Datasheet
86Kb / 1P
RIGHT ANGLE MALE - FEMALE ADAPTOR
P120-000 ETC2-P120-000 Datasheet
494Kb / 2P
DVI to VGA Cable Adapter (DVI-A Analog-M to HD15-F)
logo
Assmann Electronics Inc...
AB557-R ASSMANN-AB557-R Datasheet
48Kb / 1P
HDMI A - DVI-D Adapter HDMI 19pin A Male DVI-D(24 1) Male
logo
Tripp Lite. All Rights ...
P126000 TRIPPLITE-P126000 Datasheet
502Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
logo
List of Unclassifed Man...
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
logo
Tripp Lite. All Rights ...
P120-000 TRIPPLITE-P120-000 Datasheet
175Kb / 2P
DVI to VGA Cable Adapter (DVI-A to HD15 M/F)
P126-000 TRIPPLITE-P126-000 Datasheet
167Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
logo
Schneider Electric
HMIYADDVIRGB11 SCHNEIDER-HMIYADDVIRGB11 Datasheet
120Kb / 1P
Adaptor from DVI to RGB
Aug 11, 2019
logo
IOGEAR
GHDMDVIF IOGEAR-GHDMDVIF Datasheet
123Kb / 3P
HD Male to DVI Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com