Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB602FM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMB602FM
Description  ADAPTOR DVI-A FEMALE/HD15M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMB602FM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMB602FM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOLDED HOOD,
PVC, LIGHT GRAY
(PANTONE 400C)
WITH 360° FOIL SHIELDING
0.25
+
0.45
2X .122 -.018
+.010
3.1 -
2X, .190
4.8
(REMOVABLE)
2X #4-40 HEX
JACK SCREW
2x #4-40 METAL
THUMBSCREW
1.93
48.90
CONNECTOR
"J1"
FEMALE DVI-A
PIN 1
15-PIN MALE
HIGH DENSITY
D-SUB CONNECTOR
"P1"
PIN 1
15.2
.60
1.58
40
1.33
33.8
UNLESS OTHERWISE SPECIFIED,
DMB602FM.SLDDRW
A
B
C
TJC
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
43321
D
DFP
DMB602FM
8
11
4/12/02
REVISIONS
DESCRIPTION
APPROVED
REV
D
C
4/6/02
DATE
6/26/12
4/15/02
ECN 6304: ADDED TOLERANCE TO SCREW PROTRUSION
D.FRISIELLO
ECN 6244: CN RELEASE, NEW FORMAT
MAY OCCUR
D.FRISIELLO
CM
CATEGORY
PRODUCT DESCRIPTION
7/26/12
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
VIDEO
PROJECTION
ADAPTOR DVI-A FEMALE/HD15M
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
2. ADAPTOR SHALL BE TESTED FOR CONTINUITY.
3. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
1. ADAPTOR IS SHIPPED WITH DUST COVERS ASSEMBLED (NOT SHOWN).
NOTES:
D
"P1"
"J1"
1C1
2C2
3C3
13
C4
6, 7, 8
C5
15
6
12
7
14
8
914, 16
5, 10
15
SHELL
SHELL
WIRING TABLE


Similar Part No. - DMB602FM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMB601MF L-COM-DMB601MF Datasheet
85Kb / 1P
ADAPTOR DVI-A MALE/HD15 FEMALE
4/6/2002
DMB603MF L-COM-DMB603MF Datasheet
80Kb / 1P
ADAPTER DVI-D MALE/DVI-I FEMALE
4/6/02
More results

Similar Description - DMB602FM

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD206G-034-00001N WINCHESTER-SD206G-034-00001N Datasheet
84Kb / 1P
BNC FEMALE TO 1.0/2.3 FEMALE ADAPTOR
SD370-370-1001G WINCHESTER-SD370-370-1001G Datasheet
43Kb / 1P
FEMALE TO FEMALE COAX ADAPTOR 75 OHM
logo
Amphenol Corporation
SMA7071A2-3GT50G-50 AMPHENOL-SMA7071A2-3GT50G-50 Datasheet
140Kb / 1P
SMA FEMALE TO FEMALE ADAPTOR
B5072A1-ND3G-50 AMPHENOL-B5072A1-ND3G-50 Datasheet
79Kb / 1P
BNC MALE TO FEMALE R/A ADAPTOR
B7071A1-ND3G-75 AMPHENOL-B7071A1-ND3G-75 Datasheet
53Kb / 1P
BNC FEMALE TO FEMALE ADAPTOR
logo
List of Unclassifed Man...
R222723110 ETC2-R222723110 Datasheet
45Kb / 2P
FEMALE FEMALE ADAPTOR SPRING LOADED
ADP-SMAF-SMAF ETC2-ADP-SMAF-SMAF Datasheet
118Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM ETC2-ADP-SMAM-SMAM Datasheet
127Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
logo
Linx Technologies
ADP-SMAF-SMAF LINX-ADP-SMAF-SMAF Datasheet
203Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
logo
Schneider Electric
HMIYADDVIRGB11 SCHNEIDER-HMIYADDVIRGB11 Datasheet
120Kb / 1P
Adaptor from DVI to RGB
Aug 11, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com