Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB603MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMB603MF
Description  ADAPTER DVI-D MALE/DVI-I FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMB603MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMB603MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant 
ACCORDANCE WITH L-COM SPEC. PS-0031.
3. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN
2. ADAPTOR SHALL BE TESTED FOR CONTINUITY.
1. ADAPTOR IS SHIPPED WITH DUST COVERS ASSEMBLED (NOT SHOWN).
NOTES:
WIRING TABLE
"J1"
"P1"
"J1"
"P1"
1
1
15
15
2
2
16
16
3
3
17
17
6
6
18
18
7
7
19
19
9
9
22
22
10
10
23
23
11
11
24
24
14
14
SHELL
SHELL
F
THUMBSCREW
2X 4-40 UNC-2A
2X #4-40 HEX
JACK SCREW
(REMOVABLE)
1.80
45.6
"J1"
FEMALE DVI-I
CONNECTOR
PIN 1
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
E
A
B
43321
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
TJC
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
D.FRISIELLO
8
1
F
ECN 6244: REVISED 5.08mm TO 4.82mm
4/15/02
F
4/11/02
REVISIONS
DESCRIPTION
APPROVED
REV
1
DATE
DMB603MF.SLDDRW
DMB603MF
DFP
CM
D.PARHAM
6/26/12
ECN 6221: CN RELEASE
10/25/11
MAY OCCUR
4/6/02
CATEGORY
PRODUCT DESCRIPTION
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
ADAPTER DVI-D MALE/DVI-I FEMALE
AUDIO/VIDEO
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
MOLDED HOOD,
PVC, LIGHT GRAY
(PANTONE 400C)
WITH 360° FOIL SHIELDING
3.8
.150
2X
.190
4.82
CONNECTOR
MALE DVI-D
SINGLE LINK
"P1"
PIN 1
.59
14.9
1.56
39.7


Similar Part No. - DMB603MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMB601MF L-COM-DMB601MF Datasheet
85Kb / 1P
ADAPTOR DVI-A MALE/HD15 FEMALE
4/6/2002
DMB602FM L-COM-DMB602FM Datasheet
78Kb / 1P
ADAPTOR DVI-A FEMALE/HD15M
4/6/02
More results

Similar Description - DMB603MF

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB557-R ASSMANN-AB557-R Datasheet
48Kb / 1P
HDMI A - DVI-D Adapter HDMI 19pin A Male DVI-D(24 1) Male
logo
Tripp Lite. All Rights ...
P118000 TRIPPLITE-P118000 Datasheet
499Kb / 2P
DVI-I to DVI-D Dual Link Video Cable Adapter (F-M)
P126000 TRIPPLITE-P126000 Datasheet
502Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P134000DVIV2 TRIPPLITE-P134000DVIV2 Datasheet
512Kb / 2P
DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI-I Female)
P13706NDVIV2 TRIPPLITE-P13706NDVIV2 Datasheet
493Kb / 2P
Mini DisplayPort 1.2 to DVI Adapter Converter (Mini-DP Male to DVI-I Female), 6-in.
P118-000 TRIPPLITE-P118-000 Datasheet
161Kb / 2P
DVI-I to DVI-D Dual Link Video Cable Adapter (F/M)
P126-000 TRIPPLITE-P126-000 Datasheet
167Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P134-000-DVI-V2 TRIPPLITE-P134-000-DVI-V2 Datasheet
167Kb / 2P
DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI Female)
logo
Vecow Co., Ltd.
ARS-2010 VECOW-ARS-2010 Datasheet
431Kb / 2P
Supports DVI-I and DVI-D dual HD displays
logo
IOGEAR
GHDMDVIF IOGEAR-GHDMDVIF Datasheet
123Kb / 3P
HD Male to DVI Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com