Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSTCP-MTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DSTCP-MTP
Description  MTP CONN DUST CAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DSTCP-MTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DSTCP-MTP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.29
7.4
A
A
COLOR VARIATIONS
1
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
PROJECTION
UNDIMENSIONED FEATURES
MTP CONN DUST CAP
D.GRIFFIN
5
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
UNLESS OTHERWISE SPECIFIED,
6/19/12
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
DSTCP-MTP
7
6/19/12
REV
1
B
8
D. PARHAM
6/19/12
REVISIONS
DESCRIPTION
APPROVED
DSTCP-MTP.SLDDRW
ECN 8297: RE-DESIGNED TO MATCH VENDOR DRAWING
B
MAY OCCUR
INITIAL RELEASE
D. FRISIELLO
43321
4
6/19/12
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
DATE
FSCM NO.
3/22/16
D. DESJARDIN
NORTH ANDOVER, MA
FIBER OPTICS
D.FRISIELLO
A
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
B
NOTES:
1. ALL DIMENSIONS ARE FOR REFERENCE ONLY
2. MATERIAL: BLACK THERMOPLASTIC
3. COMPONENT SHALL BE PACKAGED IN QUANTITIES OF 10 PER BAG
IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
.20
5.2
.16
4.0
.38
9.7
10.0
.39
8.9
.35
.04
1.0
.28
7.0
.58
14.8
SECTION A-A


Similar Part No. - DSTCP-MTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DSTCP-MTRJ L-COM-DSTCP-MTRJ Datasheet
113Kb / 1P
DUST CAP MTRJ
8/16/11
More results

Similar Description - DSTCP-MTP

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKC-89-180 WINCHESTER-SDKC-89-180 Datasheet
72Kb / 1P
BNC DUST CAP
8784 WINCHESTER-8784 Datasheet
311Kb / 1P
Sma Dust Cap
878-4 WINCHESTER-878-4 Datasheet
311Kb / 1P
SMA DUST CAP
logo
Molex Electronics Ltd.
0734120060 MOLEX11-0734120060 Datasheet
35Kb / 1P
BNC Plug Dust Cap
logo
Pasternack Enterprises,...
PE6133 PASTERNACK-PE6133_16 Datasheet
414Kb / 3P
TNC Male Shorting Dust Cap
logo
Samtec, Inc
DCA-17-01 SAMTEC-DCA-17-01 Datasheet
301Kb / 3P
DUST CAP ASSEMBLY
DCA-RPBU-01-01-A SAMTEC-DCA-RPBU-01-01-A Datasheet
154Kb / 2P
DUST CAP FOR RPBU
logo
Molex Electronics Ltd.
0734120060 MOLEX-0734120060_V01 Datasheet
34Kb / 1P
BNC Plug Dust Cap
logo
TE Connectivity Ltd
C-2366866 TEC-C-2366866 Datasheet
186Kb / 1P
NECTOR T, 3Pos, SOCKET CONN. DUST CAP
logo
HARTING Technology Grou...
09-30-024-5406 HARTING-09-30-024-5406 Datasheet
476Kb / 2P
Han 24B dust protection cap
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com