Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSTCP-RSTADPTN Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DSTCP-RSTADPTN
Description  DUST COVER MIL ST W/LANYARD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DSTCP-RSTADPTN Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DSTCP-RSTADPTN Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.08
27.4
.15
3.7
4.0
101.9
RoHS Compliant 
NOTES:
MATERIAL:
BODY: NICKEL PLATED BRASS.
LANYARD: STAINLESS STEEL, NYLON COATED.
APPLICATION: ST CONNECTOR
COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED
IN A POLY BAG.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DSTCP-RSTADPTN
A
DSTCP-RSTADPTN.SLDDRW
1
1
D.GUTTADAURO
3/1/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.GALLAGHER
3/1/12
4/6/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
DUST COVER MIL ST W/LANYARD
FIBER OPTICS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
3/1/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DSTCP-RSTADPTN

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DSTCP-RSTN L-COM-DSTCP-RSTN Datasheet
121Kb / 1P
DUST CAP ST, W/LANYARD, NPB
3/26/12
DSTCP-RSTS L-COM-DSTCP-RSTS Datasheet
121Kb / 1P
DUST CAP ST, W/LANYARD, SST
3/26/12
More results

Similar Description - DSTCP-RSTADPTN

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
Photointerrupter with Dust Cover
logo
Adam Technologies, Inc.
DCF-XX ADAM-TECH-DCF-XX Datasheet
106Kb / 1P
DUST COVER FEMALE D-SUB
DCM-XX ADAM-TECH-DCM-XX Datasheet
104Kb / 1P
DUST COVER MALE D-SUB
logo
Glenair, Inc.
660-072 GLENAIR-660-072 Datasheet
319Kb / 2P
MIL-PRF-28876 Dust Covers
logo
American Electronic Com...
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
Dust Cover as standard
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
Dust Cover as standard
HHC71G AEC-HHC71G Datasheet
590Kb / 3P
Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
Dust Cover as standard
logo
VITALCONN ELECTRONICS H...
SDC01 VITALCONN-SDC01 Datasheet
273Kb / 2P
SFP DUST COVER
logo
NorComp
850103M-DC NORCOMP-850103M-DC Datasheet
56Kb / 1P
M5 SERIES-MALE DUST COVER
Rev.01 12-05-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com