Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSTCP-RSTN Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DSTCP-RSTN
Description  DUST CAP ST, W/LANYARD, NPB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DSTCP-RSTN Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DSTCP-RSTN Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R.06
1.5
.95
24.1
4.5
115.3
NOTES:
MATERIAL:
BODY: BRASS, NICKEL PLATED.
LANYARD: STAINLESS STEEL, NYLON COATED.
APPLICATION: ST CONNECTOR
COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED
IN A POLY BAG.
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DSTCP-RSTN
A
DSTCP-RSTN.SLDDRW
1
1
D.GUTTADAURO
3/26/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.GALLAGHER
3/26/12
4/5/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
DUST CAP ST, W/LANYARD, NPB
FIBER OPTICS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
3/26/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DSTCP-RSTN

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DSTCP-RSTADPTN L-COM-DSTCP-RSTADPTN Datasheet
117Kb / 1P
DUST COVER MIL ST W/LANYARD
3/1/12
DSTCP-RSTS L-COM-DSTCP-RSTS Datasheet
121Kb / 1P
DUST CAP ST, W/LANYARD, SST
3/26/12
More results

Similar Description - DSTCP-RSTN

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD7760-000-00706Z WINCHESTER-SD7760-000-00706Z Datasheet
90Kb / 1P
FIBER TRI-LOC PLUG RUBBER CAP AND LANYARD
SDKC-89-180 WINCHESTER-SDKC-89-180 Datasheet
72Kb / 1P
BNC DUST CAP
7760-000-00707Z WINCHESTER-7760-000-00707Z Datasheet
90Kb / 1P
FIBER TRI-LOC JACK RUBBER CAP AND LANYARD
7760-000-00706Z WINCHESTER-7760-000-00706Z Datasheet
90Kb / 1P
FIBER TRI-LOC PLUG RUBBER CAP AND LANYARD
8784 WINCHESTER-8784 Datasheet
311Kb / 1P
Sma Dust Cap
878-4 WINCHESTER-878-4 Datasheet
311Kb / 1P
SMA DUST CAP
logo
Samtec, Inc
DCA-17-01 SAMTEC-DCA-17-01 Datasheet
301Kb / 3P
DUST CAP ASSEMBLY
logo
PHOENIX CONTACT
1616068 PHOENIX-1616068 Datasheet
44Kb / 2P
Metal dust protection cap - ST-Z0013
1607777 PHOENIX-1607777 Datasheet
44Kb / 2P
Plastic dust protection cap - ST-Z0007
logo
NorComp
854103M-DC-M10 NORCOMP-854103M-DC-M10 Datasheet
55Kb / 1P
M10X0.75 FEMALE THREAD DUST CAP W/ CHAIN
Rev.00 09/15/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com