Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSTCP-SC Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DSTCP-SC
Description  DUST CAP FOR SC FIBER COUPLER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DSTCP-SC Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DSTCP-SC Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.62
15.7
.22
5.6
.50
12.7
.188
4.78
.132
3.35
NOTES:
MATERIAL: THERMOPLASTIC
COLOR: BLACK
COMPONENT PACKAGED IN QUANTITY OF 10.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DSTCP-SC
A
DSTCP-SC.SLDDRW
1
1
D.CASTRO
10/20/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.GALLAGHER
10/20/10
10/25/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
DUST CAP FOR SC FIBER COUPLER
FIBER OPTIC
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
10/20/10
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - DSTCP-SC

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DSTCP-C-25MM L-COM-DSTCP-C-25MM Datasheet
62Kb / 1P
FIBER DUST CAPS 2.5MM PKG 100
12/29/10
DSTCP-FC L-COM-DSTCP-FC Datasheet
56Kb / 1P
DUST CAP FIBER FC COUPLER
8/12/11
DSTCP-LC L-COM-DSTCP-LC Datasheet
55Kb / 1P
DUST CAP FIBER LC COUPLER
07/14/2010
DSTCP-MTP L-COM-DSTCP-MTP Datasheet
53Kb / 1P
MTP CONN DUST CAP
6/19/12
DSTCP-MTRJ L-COM-DSTCP-MTRJ Datasheet
113Kb / 1P
DUST CAP MTRJ
8/16/11
More results

Similar Description - DSTCP-SC

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6117 PASTERNACK-PE6117 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SC Male With 4 Inch Chain
PE6118 PASTERNACK-PE6118 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SC Female With 4 Inch Chain
logo
Tripp Lite. All Rights ...
N456000 TRIPPLITE-N456000 Datasheet
484Kb / 2P
Duplex Multimode Fiber Coupler (SC-ST)
logo
Pasternack Enterprises,...
PE6117 PASTERNACK-PE6117_16 Datasheet
418Kb / 3P
SC Male Non-Shorting Dust Cap With 4 Inch Chain
logo
Samtec, Inc
DCA-RPBU-01-01-A SAMTEC-DCA-RPBU-01-01-A Datasheet
154Kb / 2P
DUST CAP FOR RPBU
logo
Tripp Lite. All Rights ...
N456-000 TRIPPLITE-N456-000 Datasheet
157Kb / 2P
Duplex Multimode Fiber Coupler (SC/ST)
logo
PHOENIX CONTACT
2901788 PHOENIX-2901788 Datasheet
59Kb / 2P
Fiber optic coupling - FL COUPLER SC-DUPLEX
1605456 PHOENIX-1605456 Datasheet
44Kb / 2P
Metal dust protection cap - SC-Z2319
1605457 PHOENIX-1605457 Datasheet
50Kb / 2P
Metal dust protection cap - SC-Z2320
1605459 PHOENIX-1605459 Datasheet
43Kb / 2P
Metal dust protection cap - SC-Z2322
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com