Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNE151 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # CSNE151
Description  CSN Series closed loop current sensor, measures AC, DC or impulse current, 25 amp-turns nominal, 짹 36 amp-turns range, smaller housing, 1000 turn
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNE151 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  CSNE151 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNE151 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNE151 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNE151 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CSNE151
CSN Series closed loop current sensor, measures AC, DC or impulse current, 25 amp-
turns nominal, ± 36 amp-turns range, smaller housing, 1000 turn
Product Specifications
Sensor Type
Closed Loop Linear
Sensed Current Type
ac or dc
Sensed Current Range
± 36 A
Package Style
Series Connect PCB Mount
Output Type
Current
Maximum Continuous Current
± 36 A
Supply Current
± 10 mA + output
Supply Voltage
± 15.0 Vdc
Offset Current
< ± 0.15 mA
Offset Current Drift
< ± 0.6 mA
Coil Resistance @ 70 °C
110 Ohm
Response Time
< 1
s
Coil Turns
1000
Output Nominal
25 mA
Operating Temperature Range
0 °C to 70 °C [32 °F to 158 °F]
Storage Temperature Range
-40 °C to 90 °C [-40 °F to 194 °F]
Minimum Measuring Resistance
100 Ohm
Maximum Measuring Resistance
320 Ohm
Housing Material
Glass-filled PBT (UL94-V0)
Mounting
PCB on 13 pins
Pinout Style
5 pin
Accuracy
± 0.5 %
Availability
Global
Comment
Standard 25 A sensor with 5 integral primary turns.
UNSPSC Code
411121
UNSPSC Commodity
411121 Transducers
Series Name
CSN Series
Page 2 of 4
Datasheet -- CSNE151
31/08/2006
http://catalog.sensing.honeywell.com/printfriendly.asp?FAM=current&PN=CSNE151



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com