Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVIHDMF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DVIHDMF
Description  ADAPTOR, DVI-D M / HDMI F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DVIHDMF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DVIHDMF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.30
33.02
2X NICKEL PLATED
THUMBSCREW
PVC OVERMOLD
BLACK
.60
15.24
1.55
39.32
"P1"
MALE DVI-D CONNECTOR
(BLACK INSULATOR)
PIN 1
1
2
18
19
"J1"
FEMALE HDMI CONNECTOR
BLACK INSULATOR
NICKEL PLATED SHELL
2X 4-40 UNC-2A
NOTES:
1. ADAPTOR IS SHIPPED WITH DUST COVERS IN PLACE
(NOT SHOWN)
2. ADAPTOR SHALL BE TESTED FOR CONTINUITY.
3. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
D
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DVIHDMF
D
DVIHDMF.SLDDRW
1
1
J. KIEZULAS
01/13/2006
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
C. McCORMICK
01/16/2006
3/29/12
D
ECN 5794: CHANGED DVI INSULATOR FROM WHITE TO BLACK
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR, DVI-D M / HDMI F
AUDIO/VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. PARHAM
COLOR VARIATIONS
MAY OCCUR
01/13/2006
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DVIHDMF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DVIHDMM L-COM-DVIHDMM Datasheet
76Kb / 1P
ADAPTOR, DVI-D M / HDMI M
01/13/2006
More results

Similar Description - DVIHDMF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88768-3620 MOLEX2-88768-3620 Datasheet
549Kb / 8P
HDMI(M) TO DVI-D(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P13206NMICRO TRIPPLITE-P13206NMICRO Datasheet
476Kb / 2P
Micro HDMI (Type D) to DVI-D Adapter (M-F), 6-in
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P132-06N-MICRO TRIPPLITE-P132-06N-MICRO Datasheet
157Kb / 2P
Micro HDMI (Type D) to DVI-D Adapter (M/F), 6-in.
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com