Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVIHDMM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DVIHDMM
Description  ADAPTOR, DVI-D M / HDMI M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DVIHDMM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DVIHDMM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NICKEL PLATED SHELL
2
"P2"
MALE HDMI CONNECTOR
BLACK INSULATOR
18
PIN 1
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
2. ADAPTOR SHALL BE TESTED FOR CONTINUITY.
3. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN
(NOT SHOWN)
NOTES:
1. ADAPTOR IS SHIPPED WITH DUST COVERS IN PLACE
D
19
2X NICKEL PLATED
THUMBSCREW
PVC OVERMOLD
BLACK
1.67
42.4
2X 4-40 UNC-2A
INITIAL RELEASE
J. KIEZULAS
A
B
C
D. PARHAM
D.FRISIELLO
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
UNLESS OTHERWISE SPECIFIED,
8
DVIHDMM
D
DVIHDMM.SLDDRW
11
01/13/2006
REVISIONS
DESCRIPTION
APPROVED
REV
01/13/2006
DATE
C. McCORMICK
01/16/2006
01/16/06
A
B
MAY OCCUR
ECN 3241: 1.65 WAS 1.8
3/19/08
D. PARHAM
D.CASTRO
C
ECN5794: CN RELEASE, ADDED L-COM LOGO
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
2/20/12
DIMENSIONS ARE IN INCHES [mm]
D
ECN 6518: CHANGE DIMENSION FROM 41.9mm TO 42.4mm
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
11/9/12
43321
AUDIO/VIDEO
PROJECTION
ADAPTOR, DVI-D M / HDMI M
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
(BLACK INSULATOR)
"P1"
MALE DVI-D CONNECTOR
PIN 1
1.55
39.3
.60
15.2
"P1"
"P2"
21
32
13
10
4
11
5
96
18
7
19
8
17
9
23
10
22
11
24
12
615
716
15
17
14
18
16
19
SHELL
SHELL
WIRING MAP


Similar Part No. - DVIHDMM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DVIHDMF L-COM-DVIHDMF Datasheet
93Kb / 1P
ADAPTOR, DVI-D M / HDMI F
01/13/2006
More results

Similar Description - DVIHDMM

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721007-06 QUALTEK-1721007-06 Datasheet
462Kb / 1P
HDMI/M - DVI (181)P/M
1721011-10 QUALTEK-1721011-10 Datasheet
463Kb / 1P
HDMI/M - DVI (181)P/M
1721015-16 QUALTEK-1721015-16 Datasheet
461Kb / 1P
HDMI/M - DVI (181)P/M
logo
Molex Electronics Ltd.
88768-3620 MOLEX2-88768-3620 Datasheet
549Kb / 8P
HDMI(M) TO DVI-D(M) CABLE ASSY
logo
Qualtek Electronics Cor...
1721003-03 QUALTEK-1721003-03 Datasheet
510Kb / 1P
HDMI/M - DVI (181)P/M
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
HDMI (M) to DVI-D (M) Adapter Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com