Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4002
Description  DUAL 4 INPUT NOR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4002 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4002 Datasheet HTML 1Page - STMicroelectronics M74HC4002 Datasheet HTML 2Page - STMicroelectronics M74HC4002 Datasheet HTML 3Page - STMicroelectronics M74HC4002 Datasheet HTML 4Page - STMicroelectronics M74HC4002 Datasheet HTML 5Page - STMicroelectronics M74HC4002 Datasheet HTML 6Page - STMicroelectronics M74HC4002 Datasheet HTML 7Page - STMicroelectronics M74HC4002 Datasheet HTML 8Page - STMicroelectronics M74HC4002 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC4002
M74HC4002
October 1992
DUAL 4 INPUT NOR GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC4002F1R
M74HC4002M1R
M74HC4002B1R
M74HC4002C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
DESCRIPTION
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25° C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 4002B
The M54/74HC4002 is a high speed CMOS DUAL
4-INPUT NOR GATE fabricated in silicon gate
C
2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
The internal circuit is composed of 3 stages includ-
ing buffer output, which ensures high noise im-
munity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/9


Similar Part No. - M74HC4002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC40102 STMICROELECTRONICS-M74HC40102 Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40102B1R STMICROELECTRONICS-M74HC40102B1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40102C1R STMICROELECTRONICS-M74HC40102C1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40102F1R STMICROELECTRONICS-M74HC40102F1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40102M1R STMICROELECTRONICS-M74HC40102M1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
More results

Similar Description - M74HC4002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4002 PHILIPS-74HC4002 Datasheet
34Kb / 6P
Dual 4-input NOR gate
December 1990
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
Dual 4-input NOR gate
January 1995
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
DUAL 4-INPUT NOR GATE
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
Dual 4-Input NOR Gate
logo
Hitachi Semiconductor
HD14002B HITACHI-HD14002B Datasheet
49Kb / 4P
Dual 4-input NOR Gate
logo
STMicroelectronics
HCF4002B STMICROELECTRONICS-HCF4002B_01 Datasheet
131Kb / 7P
DUAL 4-INPUT NOR GATE
Sep-2001
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
Dual 4-input NOR gate
74HC4002 NEXPERIA-74HC4002 Datasheet
221Kb / 11P
Dual 4-input NOR gate
Rev. 7 - 13 September 2021
74HCT4002-Q100 NEXPERIA-74HCT4002-Q100 Datasheet
716Kb / 14P
Dual 4-input NOR gate
Rev. 1 - 18 July 2012
74HCT4002 NEXPERIA-74HCT4002 Datasheet
765Kb / 15P
Dual 4-input NOR gate
Rev. 5 - 26 May 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com