Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2000PE Datasheet(PDF) 1 Page - Whirlpool.

Part # GC2000PE
Description  Food-Waste Disposer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

GC2000PE Datasheet(HTML) 1 Page - Whirlpool.

  GC2000PE Datasheet HTML 1Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Food-Waste Disposer
OVERALL DIMENSIONS
GC1000PE
GC1000XE
GC2000PE
GC2000XE
GC3000XE
GC5000XE
Because Whirlpool Corporation policy includes a continuous commitment to improve
our products, we reserve the right to change materials and specifications without notice.
Dimensions are for planning purposes only. For complete details, see Installation
Instructions packed with product. Specifications subject to change without notice.
Ref. 4211597
01-08-04
PRODUCT MODEL NUMBER
Electrical: A 120-volt, 60-Hz, AC-only 15- or
20-amp fused, grounded electrical supply is
required. It is recommended that a separate circuit
serving only your food-waste disposer be
provided. Time-delay fuse of circuit breaker is
recommended.
A
B*
C*
E
D
Model No.
A
B*
C*
D
E
GC1000PE
11-3/8"
5-15/16"
4"
6-5/16"
5"
GC1000XE
11-3/8"
5-15/16"
4"
6-5/16"
5"
GC2000PE
11-3/8"
5-15/16"
4"
6-5/16"
5"
GC2000XE
11-3/8"
5-15/16"
4"
6-5/16"
5"
GC3000XE
12-5/8"
5-15/16"
4"
6-5/16"
5"
GC5000XE
12-7/8"
6-11/16"
4"
7-3/4"
5-3/4"
For continuous feed models, install a 15- or 20-amp
wall switch above the countertop and junction box
inside cabinet as shown. (Switch and electrical
wiriing can be obtained locally.) Position switch in a
convienient location. Connect switch to junction box.
junction
box
wall
switch
®
dishwasher drain
connection
B* – Distance from bottom of sink to center line
of disposer outlet. Add 1/2 inch when
stainless steel sink is used.
C* – Length of waste line pipe from center line of
disposer outlet to end of waste line pipe.
IMPORTANT: Plumb waste line to prevent
standing water in disposer motor housing.
Drawing shown
will vary with
model.


Similar Part No. - GC2000PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GC200 ETC1-GC200 Datasheet
159Kb / 2P
STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
More results

Similar Description - GC2000PE

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS170 LUMILEDS-DS170 Datasheet
2Mb / 16P
Accentuating freshness and overall visual appeal, making food irresistible
DS176 LUMILEDS-DS176 Datasheet
2Mb / 15P
Accentuating freshness and overall visual appeal, making food irresistible
PB170 LUMILEDS-PB170 Datasheet
2Mb / 2P
Accentuating freshness and overall visual appeal, making food irresistible
PB196 LUMILEDS-PB196 Datasheet
1Mb / 2P
Accentuating freshness and overall visual appeal, making food irresistible
logo
PHOENIX CONTACT
WF-1000-COV PHOENIX-WF-1000-COV Datasheet
53Kb / 2P
Waste holder for stripping machine
2692526 PHOENIX-2692526 Datasheet
46Kb / 3P
Antenna - RAD-ISM-2459-ANT-FOOD-6-0
logo
Turck, Inc.
BC20-K40WDTC-VP4X2 TURCK-BC20-K40WDTC-VP4X2 Datasheet
352Kb / 3P
Capacitive sensor For the food industry
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
Food thermometer
logo
Cynergy3 Co
FFSMC CYNERGY3-FFSMC Datasheet
198Kb / 2P
Submerged type float switch for reservoir and industrial waste water systems.
logo
SparkFun Electronics
PRT-14904 SPARKFUN-PRT-14904 Datasheet
197Kb / 1P
Nomad MDF Waste Board (Qty 4)
8-14-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com