Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDF550SAF Datasheet(PDF) 1 Page - Whirlpool.

Part # WDF550SAF
Description  Undercounter Dishwasher
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WDF550SAF Datasheet(HTML) 1 Page - Whirlpool.

  WDF550SAF Datasheet HTML 1Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DIMENSIONS
Undercounter Dishwasher
PRODUCT MODEL NUMBERS
WDF550SAA
WDF550SAF
Electrical Requirements: 120-volt, 60- z, AC-only, 15- or
20-amp fused electrical supply. Copper wire only. A time-
delay fuse or circuit breaker and separate circuit is
recommended.
If direct wiring dishwasher: Use flexible, armored
, or
nonmetallic, sheathed copper wire
with grounding wire that meets the
wiring requirements for your home
and local codes and ordinances.
Use a UL Listed or CSA Approved strain relief.
If connecting dishwasher with a power supply cord:
Use Power Supply Cord Kit (Part
Number 4317824) marked for use
with dishwashers. Follow the kit instructions
for installing the power supply cord.
Power supply cord must plug into a grounded
3 prong, outlet, located in the cabinet next to
the dishwasher opening. Outlet must meet all
localcodes and ordinances.
Water Supply Requirements:A hot water line with 20 to
120 psi (138 to 862 kPa) water pressure. Watertemperature
must be 120°F (49°C) water at dishwasher.Use
³⁄₈" O.D.
copper tubing with compression fitting or flexible braided
water supply line (Part Number 4396897RP) (
¹⁄₂" minimum
plastic tubing is not recommended). Use a 90° elbow with
³⁄₄" hose connection with rubber washer. Do not solder
within 6" (15.2 cm) of the water inlet valve.
Drain Requirements:
I Use the new drain hose supplied with your dishwasher.
NOTE: If a longer drain hose is required:
I Use a new drain hose with maximum length of
10 ft (3 m) that meets all current AHAM/IAPMO
test standards.
I Use a new drain hose that is resistant to heat
and detergent
.
I Use a new drain hose that fits the 1" (2.5 cm)
drain connector on the dishwasher.
I
I
Connect drain hose to waste tee or disposal inlet
above drain trap in house plumbing.
Connect drain hose to house plumbing 20" (50.8 cm)
minimum above the floor.
NOTE: It is recommended that the drain hose either
be looped up and securely fastened to the underside
of the counter or be connected to an air gap.
I Use a drain air gap if the drain hose is connected
to house plumbing lower than 18" (45.7 cm) above
the subfloor or floor.
Drain Air Gap
I Use
¹⁄₂" (1.3 cm) minimum I.D. drain line fittings.
NOTE: Do not connect drain lines from other devices
to the dishwasher drain hose.
Because Whirlpool Corporation policy includes a continuous commitment to improve
our products, we reserve the right to change materials and specifications without notice.
Dimensions are for planning purposes only. For complete details, see Installation
Instructions packed with product. Specifications subject to change without notice.
W10518038-D-WH
5/1/16
air gap
Side View
* To front of door frame
Rear View
24" (61 cm)*
16 5/8" (42.2 cm)
32
¹⁄₂" to 34¹⁄₂"
(82.6 to 87.6 cm)
23 5/9" (59.8 cm)
2
¹⁄₂" (6.2 cm)
CABINET CUTOUT DIMENSIONS
A. All surfaces free from intrusions
24" (61 cm)
minimum
34" to 35"
(86.4 cm to 88.9 cm)
24 (61 cm)
maximum
A
6"
(15.2 cm)
4"
(10.2
cm)
* Underside of countertop to floor
NOTES:
I Cut holes in shaded area of cabinet walls or floor for plumbing and electrical service.
I ADA installation – 32
¹⁄₂" (82.5 cm) beneath 34" (86.4 cm) high countertops may be
accomplished by adjusting the toekick and leveling legs.


Similar Part No. - WDF550SAF

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
WDF518SAA WHIRLPOOL-WDF518SAA Datasheet
105Kb / 1P
Undercounter Dishwasher
5/1/16
WDF518SAF WHIRLPOOL-WDF518SAF Datasheet
105Kb / 1P
Undercounter Dishwasher
5/1/16
WDF520PAD WHIRLPOOL-WDF520PAD Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF540PAD WHIRLPOOL-WDF540PAD Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF545PAF WHIRLPOOL-WDF545PAF Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com