Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4016 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC4016
Description  QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4016 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC4016 Datasheet HTML 1Page - STMicroelectronics M54HC4016 Datasheet HTML 2Page - STMicroelectronics M54HC4016 Datasheet HTML 3Page - STMicroelectronics M54HC4016 Datasheet HTML 4Page - STMicroelectronics M54HC4016 Datasheet HTML 5Page - STMicroelectronics M54HC4016 Datasheet HTML 6Page - STMicroelectronics M54HC4016 Datasheet HTML 7Page - STMicroelectronics M54HC4016 Datasheet HTML 8Page - STMicroelectronics M54HC4016 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
øI/O
Phase Difference
Between Input
and Output
2.0
20
506575
ns
4.5
5
10
13
15
9.0
4
8
10
12
12.0
3
7
9
11
tPZL
tPZH
Output Enable
Time
2.0
RL =1K
40
100
125
150
ns
4.5
10
202530
9.0
8
15
20
24
12.0
7
141821
tPLZ
tPHZ
Output Disable
Time
2.0
RL =1K
60
150
190
225
ns
4.5
15
303845
9.0
10
263336
12.0
8
243032
CIN
Input Capacitance
5
10
10
10
pF
CI/O
Switch Terminal
Capacitance
9.0
5
pF
CIOS
Feed Through
Capacitance
9.0
1
pF
CPD (*)
Power Dissipation
Capacitance
5.0
15
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
ANALOG SWITCH CHARACTERISTICS (GND = 0 V TA =25
o C)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VIN
(Vp-p)
Typ.
Sine Wave Distortion (THD)
4.5
4.5
fIN = 1 KHz
RL =10 K
CL = 50 pF
0.118
%
9.0
9.0
0.042
12.0
12.0
0.032
fMAX
Frequency Response
(Switch ON)
4.5
Adjust fIN voltage to Obtain 0 dBm at VOS.
Increase fIN Frequency until dB Meter reads -3dB
RL =50
CL =50 pF
23
MHz
9.0
38
12.0
42
Feedthrough Attenuation
(Switch OFF)
4.5
VIN is centered at VCC/2. Adjust input for 0 dBm
RL = 600
CL =50 pF
fIN = 1 MHz sine wave
-50
dB
9.0
-50
12.0
-50
Crosstalk (Control Input to
Signal Output)
4.5
RL =600
CL =50 pF
fIN = 1 MHz square wave (tr =tf =6ns)
8
mV
9.0
23
12.0
40
Crosstalk (Between Any
Switches)
4.5
Adjust VIN to Obtain 0 dBm at input
RL = 600
CL =50 pF
fIN = 1 MHz sine wave
-50
dB
9.0
-50
12.0
-50
M54/M74HC4016
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com