Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMCS3019RW Datasheet(PDF) 5 Page - Whirlpool.

Part # WMCS3019RW
Description  MICROWAVE OVEN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WMCS3019RW Datasheet(HTML) 5 Page - Whirlpool.

  WMCS3019RW Datasheet HTML 1Page - Whirlpool. WMCS3019RW Datasheet HTML 2Page - Whirlpool. WMCS3019RW Datasheet HTML 3Page - Whirlpool. WMCS3019RW Datasheet HTML 4Page - Whirlpool. WMCS3019RW Datasheet HTML 5Page - Whirlpool. WMCS3019RW Datasheet HTML 6Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GUÍA DE DIMENSIONES
NOTA: Las especificaciones están sujetas a cambio sin previo aviso
5 de 6
HORNO DE MICROONDAS
DIMENSIONES DEL PRODUCTO
MODELO
WMCS3019RB / WMCS3019RW
Unidad de medida
pul
cm
Ancho total (A)
19
48,3
Altura total (B)
11 1
/
16
28,1
Altura de la puerta (C)
10 5
/
6
26,2
Profundidad sin puerta (D)
13 13
/
16
35,1
Profundidad con puerta (E)
16 7
/
16
41,7
Profundidad con puerta abierta a 90° (F)
29 5
/
16
74,5
PARTE DELANTERA
PARTE DELANTERA
VISTA
SUPERIOR
VISTA
FRONTAL
VISTA
LATERAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com