Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDF341PAP Datasheet(PDF) 3 Page - Whirlpool.

Part # WDF341PAP
Description  Undercounter Dishwasher
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WDF341PAP Datasheet(HTML) 3 Page - Whirlpool.

  WDF341PAP Datasheet HTML 1Page - Whirlpool. WDF341PAP Datasheet HTML 2Page - Whirlpool. WDF341PAP Datasheet HTML 3Page - Whirlpool. WDF341PAP Datasheet HTML 4Page - Whirlpool. WDF341PAP Datasheet HTML 5Page - Whirlpool. WDF341PAP Datasheet HTML 6Page - Whirlpool. WDF341PAP Datasheet HTML 7Page - Whirlpool. WDF341PAP Datasheet HTML 8Page - Whirlpool. WDF341PAP Datasheet HTML 9Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CABINET OPENING DIMENSIONS
24"
(620 mm)
B
24"
(620 mm)
34"
(864 mm)
A
3"
(76 mm)
13/4"
(44 mm)
63/4"
(172 mm)
21/4"
(64 mm)
21/4"
(64 mm)
2"
(51 mm)
61/4"
(159 mm)
101/2"
(267 mm)
4"
(102 mm)
NOTE: Shaded areas
of cabinet walls
show where utility
connections may
be installed.
A.
Measured from the lowest point on the underside of the
countertop. May be reduced to 331/2" (851 mm) by removing
the wheels and perforated area of insulation (blanket) on
dishwasher.
B.
Minimum, measured from narrowest point of opening.
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com