Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS32GD22N2P Datasheet(PDF) 2 Page - ABB

Part # OS32GD22N2P
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS32GD22N2P Datasheet(HTML) 2 Page - ABB

  OS32GD22N2P Datasheet HTML 1Page - ABB OS32GD22N2P Datasheet HTML 2Page - ABB OS32GD22N2P Datasheet HTML 3Page - ABB OS32GD22N2P Datasheet HTML 4Page - ABB OS32GD22N2P Datasheet HTML 5Page - ABB OS32GD22N2P Datasheet HTML 6Page - ABB OS32GD22N2P Datasheet HTML 7Page - ABB OS32GD22N2P Datasheet HTML 8Page - ABB OS32GD22N2P Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Switch fuses for extreme conditions
- OS 32…160 Gamma series
2 Product overview | Switch fuses OS32...160 A Gamma series
Compact construction
- Intelligent construction in combination with a small number
of components results in a very compact mechanism
design
- Very small footprint area
Space savings mean cost reduction!
Designed for safety
- The frame is made of robust plastic with excellent
mechanical and thermal properties.
- Voltage output pins (as standard)
- Pole markings as standard
- The fuse covers cannot be opened while the switch fuse
is in the ON-position and can be sealed in the closed
position.
You take no risks with OS32...160 Gamma switch fuses
Our new series comprises of
two frame sizes OS32G_...63G_
and OS100G_...160G_.
Numerous applications require switch fuses that can
withstand extreme conditions. High voltages and high
short circuit currents create a demand for superior
performance without neglecting safety.
Superior performance
- High U
i ratings
- High CTI in supporting parts
- The contact constructions are optimal, regardless of fuse
type, DIN, BS, NFC or UL-type
- Meets the requirements for installation close to the main
transformer up to 100 kA in heavy industry and in ships
High performance level and smart design makes OS
Gamma switch fuses suitable for all applications in low
voltage networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com