Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS63GD22N2P Datasheet(PDF) 8 Page - ABB

Part # OS63GD22N2P
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS63GD22N2P Datasheet(HTML) 8 Page - ABB

Back Button OS63GD22N2P Datasheet HTML 4Page - ABB OS63GD22N2P Datasheet HTML 5Page - ABB OS63GD22N2P Datasheet HTML 6Page - ABB OS63GD22N2P Datasheet HTML 7Page - ABB OS63GD22N2P Datasheet HTML 8Page - ABB OS63GD22N2P Datasheet HTML 9Page - ABB OS63GD22N2P Datasheet HTML 10Page - ABB OS63GD22N2P Datasheet HTML 11Page - ABB OS63GD22N2P Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 Ordering information | Switch fuses OS32...160 A Gamma series
Ordering information
Optional handles, IP 65
For front operated switch fuses
Padlockable with 3 padlocks in the OFF-position, door interlock in the ON-position. Units/type = 1 pcs.
Screw fixing from the back side of the handle, no screws on the front, ensures double protection.
Colour
Handle
Type
Order number
Delivery Weight
length
batch
/unit
[mm]
[pcs]
[kg]
For shaft diameter 6 mm
Plastic handles, black and red-yellow: I-O/ON-OFF, grey: I-O.
Black
45
OHB45J6
1SCA022380R8770 100
0.12
Red-Yellow 45
OHY45J6
1SCA022380R8930 100
0.12
Black
65
OHB65J6
1SCA022380R9660 100
0.12
Red-Yellow 65
OHY65J6
1SCA022380R9820 100
0.12
Grey
65
OHG65J6
1SCA022380R9740 100
0.12
Plastic handles, black and red-yellow: Test/I-O/ON-OFF, grey: Test/I-O.
Black
45
OHB45J6T
1SCA109870R1001 100
0.12
Black
65
OHB65J6T
1SCA022399R8110 100
0.12
Red-Yellow 65
OHY65J6T
1SCA022456R9540 100
0.12
Grey
65
OHG65J6T
1SCA022456R9620 100
0.12
Extended shafts
Units/type = 1 piece
Shaft
Front
Side
Type
Order number
Delivery Weight
length
operated
operated
batch
/unit
[mm]
H / [mm]
H / [mm]
[pcs]
[kg]
For OS 32...632), shaft diameter 6 mm
150
130...249
210...272
OXP6X150
1SCA022295R5600 10
0.05
161
141...260
221...283
OXP6X1613)
1SCA022067R1760 10
0.05
210
190...309
270...332
OXP6X210
1SCA022295R6080 10
0.06
290
270...389
350...412
OXP6X290
1SCA022042R6370 10
0.08
360
340...459
420...482
OXP6X360
1SCA022042R6530 10
0.1
430
410...529
490...552
OXP6X430
1SCA022056R6030 10
0.12
210
190...309
270...332
OXP6X210-451)
1SCA022294R4230 10
0.06
290
270...389
350...412
OXP6X290-451)
1SCA022304R4290 10
0.08
For OS 100...1602), shaft diameter 6 mm
150
140...252
202.5...316
OXP6X150
1SCA022295R5600 10
0.05
161
140...263
202.5...327
OXP6X1613)
1SCA022067R1760 10
0.05
210
189...312
206...376
OXP6X210
1SCA022295R6080 10
0.06
290
269...392
286...456
OXP6X290
1SCA022042R6370 10
0.08
360
339...462
345...515
OXP6X360
1SCA022042R6530 10
0.1
430
409...532
415...585
OXP6X430
1SCA022056R6030 10
0.12
210
189...312
206...376
OXP6X210-451)
1SCA022294R4230 10
0.06
290
269...392
286...456
OXP6X290-451)
1SCA022304R4290 10
0.08
Fourth Poles
Snap-on mounting to the side of the switch.
Suitable for
Mounting
Type
Order number
Units/
Weight
3-pole
side
type
switches
[pcs]
[kg]
Fusible 4. poles
OS125G_...160G_, DIN-type
Left/right
OSP160GD
1SCA114768R1001 1
0.40
OS125G_...160G_, BS-type
Left/right
OSP160GB
1SCA114769R1001 1
0.40
Switched 4. poles
OS100G_...160G_, N-type
Left/right
OSP160GN
1SCA114770R1001 1
0.40
Terminal shrouds
Suitable for
Number Description
Type
Order number
Units/
Weight
switches
of
type
poles
[pcs]
[kg]
Pack of single pole terminal shrouds, snap-on mounting, grey plastic, IP 3X. Transparent shrouds
available on request.
OS100G_...160G_
3
Long type
OSS160GG1L/3
1SCA114764R1001 3
0.10
OS100G_...160G_
3
Short type
OSS160GG1S/3
1SCA114766R1001 3
0.07
OS100G_...160G_
4
Long type
OSS160GG1L/4
1SCA114765R1001 4
0.12
OS100G_...160G_
4
Short type
OSS160GG1S/4
1SCA114767R1001 4
0.08
Switch fuses OS32G...160G_, NFC-types
1)
The shaft position is rotated 45 degrees
2)
Side operated, 4-pole: OS 32...63: add 45 mm, OS 100...160: add 35 mm
3
) Included as standard
OH_65J_
OXP6X_
OSP_
OSS_L
OSS_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com