Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA1413 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIA1413 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA1413 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
II
■ Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIA1413AMP10
AD1CA
3
Green
-40 ~ 125°C
MSOP10
Tape & Reel, 3000
DIA1414AMP10
AD1DA
3
Green
-40 ~ 125°C
MSOP10
Tape & Reel, 3000
DIA1413BMP10
AD1CB
3
Green
-40 ~ 125°C
MSOP10
Tape & Reel, 3000
DIA1413CMP10
AD1CC
3
Green
-40 ~ 125°C
MSOP10
Tape & Reel, 3000
DIA1413CCD10
AD1CC
3
Green
-40 ~ 125°C
DFN3*3-10
Tape & Reel, 5000
DIA1414CMP10
AD1DC
3
Green
-40 ~ 125°C
MSOP10
Tape & Reel, 3000
DIA1414CCD10
AD1DC
3
Green
-40 ~ 125°C
DFN3*3-10
Tape & Reel, 5000
SMBus (or I2C) Address Options & Code for Ordering Part No.
Option Code
A
B
C
SMBus (or I2C) Address
1001_100(r/
_
w)
0011_000(r/
_
w)
Selectable by
__________
THERM /ADDR
pull-up resistance
If you encounter any issue in the process of using the device, please contact our customer service at
marketing@dioo.com or phone us at (+86)-21-62116882. If you have any improvement suggestions
regarding the datasheet, we encourage you to contact our technical writing team at docs@dioo.com.
Your feedback is invaluable for us to provide a better user experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com