Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA2240CTP8 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA2240CTP8
Description  Voltage Output, Bidirectional, Zero-Drift Series Current-Shunt Monitors with Enhanced PWM Rejection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA2240CTP8 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA2240CTP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA2240CTP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DIA2240
Version 1.1, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
9
By applying a voltage or voltages to REF1 and/or REF2, the output voltage is set. The reference inputs are
connected to an internal gain network. The two reference pins are same for operation.
9.3.2. Reference pin connections for unidirectional current measurements
For unidirectional operation, the current measurements is conducted through a resistive shunt in one
direction. In this operation, connect the device reference pins together and then to the negative rail (ground
referenced output) or the positive rail (VS referenced output). The required differential input polarity is
determined by the output voltage setting. The amount of current flowing through the external shunt resistor
determines how much the amplifier output deviates from the referenced rail. When the amplifier reference
pins are connected to the positive rail, then the input polarity must be negative to move the amplifier output
down (towards ground). When the amplifier reference pins are connected at ground, then the input polarity
must be positive to move the amplifier output up (towards supply).
To configure the output for unidirectional operation, please refer to the content below.
In a unidirectional mode with a ground referenced output, both reference pins are connected to ground.
When there is a 0 V differential at the input, this configuration takes the output to ground (see Figure 11).
Figure 11. Ground referenced output
In a unidirectional mode with a VS referenced output, both reference pins are connected to the positive
supply. Before power is applied to the load, use this configuration for circuits requiring power-up and
stabilization of the amplifier output signal and other control circuitry (see Figure 12).
Figure 12. VS referenced output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com