Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLRC400 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 45Page - NXP Semiconductors SLRC400 Datasheet HTML 46Page - NXP Semiconductors SLRC400 Datasheet HTML 47Page - NXP Semiconductors SLRC400 Datasheet HTML 48Page - NXP Semiconductors SLRC400 Datasheet HTML 49Page - NXP Semiconductors SLRC400 Datasheet HTML 50Page - NXP Semiconductors SLRC400 Datasheet HTML 51Page - NXP Semiconductors SLRC400 Datasheet HTML 52Page - NXP Semiconductors SLRC400 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
49
Preliminary
5.2.6.3
TimerClock Register
Selects the devider for the timer clock.
Name: TimerClock
Address: 0x2A
Reset value: 00001011, 0x0B
7
6
5
4
3
2
1
0
0
0
TAutoRestart
TPreScaler
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-6
00
These values shall not be changed
5
TAutoRestart
If set to 1, the timer automatically restart its count-down from TReloadValue,
instead of counting down to zero.
If set to 0 the timer decrements to zero and the bit TimerIRq is set to 1.
4-0
TPreScaler
Defines the timer clock fTimer. TPreScaler can be adjusted from 0x00 up to 0x15.
The following formula is used to calculate fTimer :
fTimer = 13.56 MHz / 2
TPreScaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com