Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M29F200
Description  2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F200 Datasheet(HTML) 4 Page - STMicroelectronics

  M29F200 Datasheet HTML 1Page - STMicroelectronics M29F200 Datasheet HTML 2Page - STMicroelectronics M29F200 Datasheet HTML 3Page - STMicroelectronics M29F200 Datasheet HTML 4Page - STMicroelectronics M29F200 Datasheet HTML 5Page - STMicroelectronics M29F200 Datasheet HTML 6Page - STMicroelectronics M29F200 Datasheet HTML 7Page - STMicroelectronics M29F200 Datasheet HTML 8Page - STMicroelectronics M29F200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
16K BOOT BLOCK
AI01990
3FFFFh
3C000h
3BFFFh
3A000h
39FFFh
00000h
8K PARAMETER BLOCK
8K PARAMETER BLOCK
32K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
M29F200T
38000h
37FFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
M29F200B
16K BOOT BLOCK
8K PARAMETER BLOCK
8K PARAMETER BLOCK
32K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
64K MAIN BLOCK
3FFFFh
30000h
2FFFFh
20000h
1FFFFh
10000h
0FFFFh
08000h
07FFFh
04000h
03FFFh
00000h
06000h
05FFFh
Figure 3. Memory Map and Block Address Table (x8)
Address Range (x8)
Address Range (x16)
A16
A15
A14
A13
A12
00000h-03FFFh
00000h-01FFFh
0000
X
04000h-05FFFh
02000h-02FFFh
0001
0
06000h-07FFFh
03000h-03FFFh
0001
1
08000h-0FFFFh
04000h-07FFFh
0
0
1
X
X
10000h-1FFFFh
08000h-0FFFFh
0
1
X
X
X
20000h-2FFFFh
10000h-17FFFh
1
0
X
X
X
30000h-3FFFFh
18000h-1FFFFh
1
1
X
X
X
Table 3B. M29F200B Block Address Table
Address Range (x8)
Address Range (x16)
A16
A15
A14
A13
A12
00000h-0FFFFh
00000h-07FFFh
0
0
X
X
X
10000h-1FFFFh
08000h-0FFFFh
0
1
X
X
X
20000h-2FFFFh
10000h-17FFFh
1
0
X
X
X
30000h-37FFFh
18000h-1BFFFh
1
1
0
X
X
38000h-39FFFh
1C000h-1CFFFh
1110
0
3A000h-3BFFFh
1D000h-1DFFFh
1110
1
3C000h-3FFFFh
1E000h-1FFFFh
1111
X
Table 3A. M29F200T Block Address Table
4/33
M29F200T, M29F200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com