Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT219 Datasheet(PDF) 4 Page - Clarke International

Part # CAT219
Description  3/8”REVERSIBLE AIR DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT219 Datasheet(HTML) 4 Page - Clarke International

  CAT219 Datasheet HTML 1Page - Clarke International CAT219 Datasheet HTML 2Page - Clarke International CAT219 Datasheet HTML 3Page - Clarke International CAT219 Datasheet HTML 4Page - Clarke International CAT219 Datasheet HTML 5Page - Clarke International CAT219 Datasheet HTML 6Page - Clarke International CAT219 Datasheet HTML 7Page - Clarke International CAT219 Datasheet HTML 8Page - Clarke International CAT219 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• The drill will be left unattended.
• Moving to another work area.
• Passing the drill to another person.
12. NEVER use the drill if it is defective or operating abnormally.
13. The drill should be serviced at regular intervals by qualified service
personnel.
14. AVOID damaging the drill for example by applying excessive force.
15. ALWAYS maintain the drill with care. Keep it clean for the best and safest
performance.
16. Quick change couplings should not be located at the drill. They add
weight and could fail due to vibration.
17. DO NOT force or misuse the drill. It will do a better and safer job at the rate
for which it was designed.
18. This drill vibrates with use. Vibration may be harmful to your hands or arms.
Stop using the drill. if discomfort, a tingling feeling or pain occurs. Seek
medical advice before resuming use.
DRILL SAFETY PRECAUTIONS
1. ALWAYS make sure the work surface is free from nails and other foreign
objects.
2. After changing bits and accessories or making adjustments, make sure the
chuck is securely tightened and that the chuck key has been removed.
3. ALWAYS check bits for damage before each use. Damaged bits or other
accessories can break during use and cause serious injury.
4. NEVER use dull or damaged bits. Sharp bits must be handled with care.
Damaged bits can snap during use. Dull bits require more force possibly
causing the bit to break.
5. Use of a dust collection system reduces dust-related hazards.
6. Maintain a firm grip on the tool and position your body and arms to allow
you to resist kickback forces. Kickback will propel the tool in the direction
opposite to the tool's movement at the time of snagging.
7. Use metal and voltage detectors to locate hidden electric. water or gas
lines. Avoid touching live components or conductors.
8. Before drilling, check that there is sufficient clearance for the drill bit under
the workpiece.
9. If you are interrupted when operating the drill, switch off the tool before
looking up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com