Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC040P010 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # FPC040P010
Description  FPC/FFC Connector to DIP Adapter (0.40 mm pitch, 10 pins or less)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

FPC040P010 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  FPC040P010 Datasheet HTML 1Page - Proto Advantage SMD Adapter FPC040P010 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
FPC/FFC Connector to DIP Adapter (0.40 mm pitch, 10 pins or less)
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.00
A2
3.00
B
2.50
C
0.20
B2
4.00
C2
9.80
D
0.20
E
0.40
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2010 Proto Advantage
A
B
C
D
E
A2
B2
C2
F
F
FP
P
PC
C
C0
0
04
4
40
0
0P
P
P0
0
01
1
10
0
0


Similar Part No. - FPC040P010

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
FPC040P020 PROTOADVANTAGE-FPC040P020 Datasheet
45Kb / 2P
FPC/FFC Connector to DIP Adapter (0.40 mm pitch, 20 pins or less)
revision 1.0
FPC040P030 PROTOADVANTAGE-FPC040P030 Datasheet
45Kb / 2P
FPC/FFC Connector to DIP Adapter (0.40 mm pitch, 30 pins or less)
revision 1.0
FPC040P040 PROTOADVANTAGE-FPC040P040 Datasheet
45Kb / 2P
FPC/FFC Connector to DIP Adapter (0.40 mm pitch, 40 pins or less)
revision 1.0
FPC040P050 PROTOADVANTAGE-FPC040P050 Datasheet
45Kb / 2P
FPC/FFC Connector to DIP Adapter (0.40 mm pitch, 50 pins or less)
revision 1.0
FPC040P060 PROTOADVANTAGE-FPC040P060 Datasheet
45Kb / 2P
FPC/FFC Connector to DIP Adapter (0.40 mm pitch, 60 pins or less)
revision 1.0
More results

Similar Description - FPC040P010

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
logo
Aries Electronics, Inc.
28-652000-10 ARIES-28-652000-10 Datasheet
450Kb / 1P
PLCC-to-DIP Adapter
20-352000-10 ARIES-20-352000-10 Datasheet
632Kb / 1P
PLCC-to-DIP Adapter
1109342 ARIES-1109342 Datasheet
435Kb / 1P
PLCC-to-DIP Adapter
14-651000-10-P ARIES-14-651000-10-P Datasheet
656Kb / 1P
SSOP-to-DIP Adapter
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
DIP-to-SOIC Adapter
logo
Hirose Electric
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
logo
Data Delay Devices, Inc...
DDU-7J DATADELAY-DDU-7J Datasheet
50Kb / 1P
10 Taps (14 Pins DIP) interfaced
logo
Aries Electronics, Inc.
18007 ARIES-18007 Datasheet
502Kb / 1P
Series 35W000 SOWIC-to-DIP Adapter ??14/28 Pins
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com