Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF504-R6A Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ECF504-R6A
Description  CAT6A RJ45 RA PNL CPLR KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECF504-R6A Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ECF504-R6A Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.40
35.6
.75
19.1
1.142
29.01
PIN 1
PIN 1
1.42
36.1
.675
17.15
.900
22.86
1.142
29.01
2X, 4-40 UNC-2B
THREAD
NOTES:
MATERIALS:
FLANGE MOUNT ADAPTER: ZINC ALLOY
COUPLER: ABS, UL94V-0
HARDWARE: STAINLESS STEEL
FINISH:
FLANGE MOUNT ADAPTER: NICKEL PLATE
COUPLER COLOR: WHITE
1. COUPLER KIT IS SUPPLIED UN-ASSEMBLED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
2. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
RECOMMENDED
PANEL CUTOUT
KIT CONTAINS:
1 - COUPLER (L-COM P/N# TDG1026K-RC6A)
1 - FLANGE ADAPTER (L-COM P/N# ECF-SK-25)
2 - #4-40 UNC-2A x 1/4" LG PHILIPS SST SCREW
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ECF504-R6A
A
ECF504-R6A.SLDDRW
1
1
D.GUTTADAURO
10/29/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
M.MARTINEZ
10/29/13
10/31/13
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CAT6A RJ45 RA PNL CPLR KIT
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
10/29/13
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - ECF504-R6A

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECF504-R5E L-COM-ECF504-R5E Datasheet
77Kb / 1P
CPLR RJ45 F/F CAT5E RT ANGLE
12/07/2011
More results

Similar Description - ECF504-R6A

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKA-19-216-M06 WINCHESTER-SDKA-19-216-M06 Datasheet
58Kb / 1P
JK, PNL, TNC
0127-050-00402 WINCHESTER-0127-050-00402 Datasheet
292Kb / 1P
RCPT, PNL, TNC 4 PIECE CONNECTOR KIT
UG-447 WINCHESTER-UG-447 Datasheet
45Kb / 1P
RCPT, PNL, BNC
logo
Virginia Panel Corporat...
310113586 VPC-310113586 Datasheet
109Kb / 2P
6 POS. I2 MNTNG PNL KIT
310113547 VPC-310113547 Datasheet
106Kb / 2P
MNTNG PNL KIT
logo
Tripp Lite. All Rights ...
N484-12RJ TRIPPLITE-N484-12RJ Datasheet
167Kb / 2P
Cat6a Pass-Through Cassette - (x12) RJ45
logo
Belden Inc.
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
RVAIP2SME-B24 BELDEN-RVAIP2SME-B24 Datasheet
272Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A STP
RVAIJ2UBK-B24 BELDEN-RVAIJ2UBK-B24 Datasheet
264Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT6A UTP
logo
Switchcraft, Inc.
NHRJ45D_IDC SWITCH-NHRJ45D_IDC Datasheet
171Kb / 1P
NH SERIES RJ45 RA IDC, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com