Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC050P040-DPT Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # FPC050P040-DPT
Description  FPC/FFC SMT Connector (0.50 mm pitch, 40 pins or less) Dual Pass-Through Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

FPC050P040-DPT Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  FPC050P040-DPT Datasheet HTML 1Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
FPC/FFC SMT Connector (0.50 mm pitch, 40 pins or less)
Dual Pass-Through Adapter
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.00
A2
4.00
B
2.50
C
0.30
B2
4.00
C2
27.80
D
0.20
E
0.50
Top View (SMT Footprints, Both Footprints Are the Same)
(Representative drawing only - not to scale)
1
© 2007-2023 Proto Advantage ®
A
B
C
D
E
A2
B2
C2
F
FP
PC
C0
05
50
0P
P0
04
40
0--D
DP
PT
T


Similar Part No. - FPC050P040-DPT

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
FPC050P040 PROTOADVANTAGE-FPC050P040 Datasheet
45Kb / 2P
FPC/FFC Connector to DIP Adapter (0.50 mm pitch, 40 pins or less)
revision 1.0
More results

Similar Description - FPC050P040-DPT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH3-4S-1.25DS HIROSE-FH3-4S-1.25DS Datasheet
85Kb / 4P
1.25mm Pitch FPC/FFC Connector
logo
YEONHO ELECTRONICS
05002HR-25J01 YEONHO-05002HR-25J01 Datasheet
1Mb / 1P
0.50.mm P1TCH CONNECTOR
logo
Molex Electronics Ltd.
0781191408 MOLEX9-0781191408 Datasheet
130Kb / 4P
0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Gold Plating, 40 Circuits, Lead Free
5019514010 MOLEX11-5019514010 Datasheet
303Kb / 6P
0.50mm (.020") Pitch Easy-On??FFC/FPC Connector, Vertical, SMT, Gold Plating, 40 Circuits
logo
Hirose Electric
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
FFC-FPC SMT Family Overview
54132-4097 MOLEX11-54132-4097 Datasheet
37Kb / 3P
0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 40 Circuits, Lead-Free
logo
FCI connector
62674-241121ALF FCI-CONNECTOR-62674-241121ALF Datasheet
1Mb / 10P
0.5mm FPC/FFC SMT
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com