Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC050P060ST Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # FPC050P060ST
Description  FPC/FFC Connector to DIP Adapter (0.50 mm pitch, 60 pins or less) Staggered Pins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

FPC050P060ST Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  FPC050P060ST Datasheet HTML 1Page - Proto Advantage SMD Adapter FPC050P060ST Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
FPC/FFC Connector to DIP Adapter (0.50 mm pitch, 60 pins or less)
Staggered Pins
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.50
B
2.00
C
0.50
D
0.50
E
0.50
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2022 Proto Advantage™ Inc.
A
B
C
D
E
B
F
FP
PC
C0
05
50
0P
P0
06
60
0S
ST
T


Similar Part No. - FPC050P060ST

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
FPC050P060 PROTOADVANTAGE-FPC050P060 Datasheet
45Kb / 2P
FPC/FFC Connector to DIP Adapter (0.50 mm pitch, 60 pins or less)
revision 1.0
More results

Similar Description - FPC050P060ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDU-7 ETC1-DDU-7 Datasheet
97Kb / 1P
10 TAPS (14 PINS DIP) T2L INTERFACED
DDU7-100 ETC1-DDU7-100 Datasheet
93Kb / 1P
10 Taps (14 pins DIP) T2L Interfaced
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
Omron Electronics LLC
A6S-2102 OMRON-A6S-2102 Datasheet
232Kb / 6P
DIP Switch with Slide Pins
logo
Data Delay Devices, Inc...
MAE-86 DATADELAY-MAE-86 Datasheet
48Kb / 1P
14 pins DIP TTL interfaced
DDU-7J DATADELAY-DDU-7J Datasheet
50Kb / 1P
10 Taps (14 Pins DIP) interfaced
DDU-4 DATADELAY-DDU-4 Datasheet
55Kb / 1P
1 to 5 Taps (14 pins DIP) Interfaced
logo
ATMEL Corporation
AT89C51ID2 ATMEL-AT89C51ID2_14 Datasheet
1Mb / 157P
Six 8-bit I/O Ports (64 pins or 68 Pins Versions)
logo
Aries Electronics, Inc.
18007 ARIES-18007 Datasheet
502Kb / 1P
Series 35W000 SOWIC-to-DIP Adapter ??14/28 Pins
logo
Artesyn Technologies
SIL60C2-00SADJ-VDJ ARTESYN-SIL60C2-00SADJ-VDJ Datasheet
770Kb / 3P
POWER Dual Row Pins; 60 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com