Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9178 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9178
Description  CLAMP RG55 RG58 RG141RG142 - - FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9178 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9178 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-11 GHZ
VSWR 1.3:1 MAX
IMPEDANCE: 50 OHMS
MECHANICAL:
MATERIAL BODY: NICKLE PLATED BRASSS
CENTER CONTACT: BRASS
CONTACT PLATING: Si QQ-S-365
INSULATOR: TEFLON
INTERFACE: MIL-STD-348B
ROHS COMPLIANT
OP. TEMP RANGE: -55°C- +110°C
ASSEMBLY INSTRUCTIONS:
TRIM CABLE TO OVERALL LENGTH AS SHOWN;
SLIDE BACKNUT, WASHER, GASKET, CLAMP ON CABLE;
COMB BRAID WIRES OUT, FOLD BACK, TRIM FLUSH W CLAMP;
TRIM DIELECTRIC & CENTER PIN AS SHOWN;
ASSEMBLE REAR BUSHING;
SOLDER CONTACT ONTO CENTER CONDUCTOR,
INSERT ASSEMBLY INTO BODY, TIGHTEN NUT
CLAMP RG55 RG58 RG141RG142
- -
3FKR5
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
CLAMP RG55 RG58 RG141RG142
ALL DIMENSIONS IN inches(MM) Typical
1.20"
(30.6)
0.787"
(20.0)
0.500"
(12.7)
0.720"
(18.3)
0.157"
(4.0)
0.177"
(4.5)


Similar Part No. - SC9178

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9171 FAIRVIEW-SC9171 Datasheet
27Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM .047" N-M CLAMP RG8, RG9, RG11
REV A
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91710A SILAN-SC91710A Datasheet
532Kb / 17P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
SC91710AS SILAN-SC91710AS Datasheet
532Kb / 17P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
logo
List of Unclassifed Man...
SC91710B ETC-SC91710B Datasheet
297Kb / 18P
TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
More results

Similar Description - SC9178

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4565 PASTERNACK-PE4565 Datasheet
271Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG58, RG55, RG142, RG223, RG400
PE4746 PASTERNACK-PE4746 Datasheet
266Kb / 2P
RP BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG55, RG58, RG141RG142, RG223, RG400, .480 inch D Hole
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4027 PASTERNACK-PE4027 Datasheet
253Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG58, RG55, RG142, RG223, RG400
PE4031 PASTERNACK-PE4031 Datasheet
206Kb / 2P
SMA Female Connector Clamp-Solder Attachment For RG58, RG55, RG142, RG223, RG400
PE4316 PASTERNACK-PE4316 Datasheet
306Kb / 3P
SHV Plug Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com