Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXEC21 Datasheet(PDF) 1 Page - ABB

Part # OXEC21
Description  OXEC21 HMI PROTECTIVE COVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OXEC21 Datasheet(HTML) 1 Page - ABB

  OXEC21 Datasheet HTML 1Page - ABB OXEC21 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXEC21 HMI PROTECTIVE COVER
OXEC21
Extended Product Type
OXEC21
Product ID
1SCA147308R1001
EAN
6417019838557
Catalog Description
OXEC21 HMI PROTECTIVE COVER
Long Description
OXEC21 HMI PROTECTIVE COVER (IP54)
General Information
PRODUCT-DETAILS
Ordering
1 piece
Minimum Order Quantity
85389099
Customs Tariff Number
Finland (FI)
Country of Origin
Popular Downloads
1SCC303008C0201
Data Sheet, Technical
Information
1SCC303011M0201
Instructions and
Manuals
Dimensions
137 mm
5.39 in
Product Net Width


Similar Part No. - OXEC21

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXE810SE PLX-OXE810SE Datasheet
149Kb / 2P
Single Drive NAS System Device with Encryption
logo
ABB
OXES250G1L ABB-OXES250G1L Datasheet
111Kb / 2P
OXES250G1L/3 TERMINAL SHROUD
OXES250G1L ABB-OXES250G1L Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
OXES250G1L/3 ABB-OXES250G1L/3 Datasheet
111Kb / 2P
OXES250G1L/3 TERMINAL SHROUD
OXES250G1L/4 ABB-OXES250G1L/4 Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
More results

Similar Description - OXEC21

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-082 GLENAIR-660-082 Datasheet
176Kb / 1P
Protective Cover
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
Pepperl+Fuchs Inc.
TC-18-U PF-TC-18-U Datasheet
91Kb / 1P
Protective cover
SH-BT43-F25-01 PF-SH-BT43-F25-01 Datasheet
434Kb / 1P
Protective cover
SH-BT65-F31 PF-SH-BT65-F31 Datasheet
773Kb / 1P
Protective cover
SH-BT65-F31K2 PF-SH-BT65-F31K2 Datasheet
656Kb / 1P
Protective cover
SH-F31K2-B13 PF-SH-F31K2-B13 Datasheet
400Kb / 1P
Protective cover
SH-F31K2-B32 PF-SH-F31K2-B32 Datasheet
481Kb / 1P
Protective cover
SH-F35 PF-SH-F35 Datasheet
209Kb / 2P
Protective cover
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com