Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXES250G1L/3 Datasheet(PDF) 2 Page - ABB

Part # OXES250G1L/3
Description  OXES250G1L/3 TERMINAL SHROUD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OXES250G1L/3 Datasheet(HTML) 2 Page - ABB

  OXES250G1L/3 Datasheet HTML 1Page - ABB OXES250G1L/3 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
117 mm
4.61 in
Product Net Height
165 mm
6.5 in
Product Net Depth /
Length
0.323 kg
0.71 lb
Product Net Weight
Certificates and Declarations (Document Number)
N/A
Declaration of
Conformity - CE
1SCC303011M0201
Instructions and
Manuals
Container Information
box 3 piece
Package Level 1 Units
250 mm
9.84 in
Package Level 1 Width
250 mm
9.84 in
Package Level 1 Depth /
Length
70 mm
2.76 in
Package Level 1 Height
0.323 kg
0.71 lb
Package Level 1 Gross
Weight
6417019801506
Package Level 1 EAN
Classifications
EC002498 - Accessories for low-voltage switch technology
ETIM 6
EC002498 - Accessories for low-voltage switch technology
ETIM 7
39122221
UNSPSC
Product Not in WEEE Scope
WEEE Category
Low Voltage Products and Systems → Switches → Automatic Transfer Switches Accessories
Categories
2
OXES250G1L/3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com