Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXES250G1S/4 Datasheet(PDF) 1 Page - ABB

Part # OXES250G1S/4
Description  OXES250G1S/4 TERMINAL SHROUD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OXES250G1S/4 Datasheet(HTML) 1 Page - ABB

  OXES250G1S/4 Datasheet HTML 1Page - ABB OXES250G1S/4 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXES250G1S/4 TERMINAL SHROUD
OXES250G1S/4
Extended Product Type
OXES250G1S/4
Product ID
1SCA150194R1001
EAN
6417019801537
Catalog Description
OXES250G1S/4 TERMINAL SHROUD
Long Description
OXES250G1S/4 TERMINAL SHROUD
General Information
PRODUCT-DETAILS
Ordering
1 piece
Minimum Order Quantity
85389099
Customs Tariff Number
Finland (FI)
Country of Origin
Popular Downloads
1SCC303008C0201
Data Sheet, Technical
Information
1SCC303011M0201
Instructions and
Manuals
Dimensions
45 mm
1.77 in
Product Net Width


Similar Part No. - OXES250G1S/4

ManufacturerPart #DatasheetDescription
logo
ABB
OXES250G1L ABB-OXES250G1L Datasheet
111Kb / 2P
OXES250G1L/3 TERMINAL SHROUD
OXES250G1L ABB-OXES250G1L Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
OXES250G1L/3 ABB-OXES250G1L/3 Datasheet
111Kb / 2P
OXES250G1L/3 TERMINAL SHROUD
OXES250G1L/4 ABB-OXES250G1L/4 Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
OXES250G1L ABB-OXES250G1L_V01 Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
More results

Similar Description - OXES250G1S/4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2ESS1 ALTECH-2ESS1 Datasheet
200Kb / 1P
E-Stop Shroud 2ESS1
logo
Samtec, Inc
ATS-30-Q SAMTEC-ATS-30-Q Datasheet
91Kb / 2P
ELEVATED SQT ASSM SHROUD
logo
Molex Electronics Ltd.
0349004122 MOLEX1-0349004122 Datasheet
40Kb / 2P
MXP120 Sealed Receptacle, 4 Circuit, Black Housing with Long Shroud
0349004123 MOLEX1-0349004123 Datasheet
40Kb / 2P
MXP120 Sealed Receptacle, 4 Circuit, Black Housing with Long Shroud
0349004124 MOLEX1-0349004124 Datasheet
40Kb / 2P
MXP120 Sealed Receptacle, 4 Circuit, Black Housing with Long Shroud
0349004125 MOLEX1-0349004125 Datasheet
40Kb / 2P
MXP120 Sealed Receptacle, 4 Circuit, Black Housing with Long Shroud
0349004126 MOLEX1-0349004126 Datasheet
41Kb / 2P
MXP120 Sealed Receptacle, 4 Circuit, Black Housing with Long Shroud
logo
NTE Electronics
72-031 NTE-72-031 Datasheet
135Kb / 3P
Fixed Shroud Plug, 4mm
logo
Amphenol Communications...
70203 AMPHENOLCS-70203 Datasheet
80Kb / 1P
mrtral shroud 4 rows standard
Rev F -2006-04-17
logo
Amphenol SV Microwave
012-80-484 SVMICROWAVE-012-80-484 Datasheet
490Kb / 1P
3mm DETENT SHROUD
9/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com