Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # TLC271
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button TLC271 Datasheet HTML 4Page - Diodes Incorporated TLC271 Datasheet HTML 5Page - Diodes Incorporated TLC271 Datasheet HTML 6Page - Diodes Incorporated TLC271 Datasheet HTML 7Page - Diodes Incorporated TLC271 Datasheet HTML 8Page - Diodes Incorporated TLC271 Datasheet HTML 9Page - Diodes Incorporated TLC271 Datasheet HTML 10Page - Diodes Incorporated TLC271 Datasheet HTML 11Page - Diodes Incorporated TLC271 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
8 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Electrical Characteristics
Medium bias mode
Parameter
Conditions
TA
TLC271C, TLC271AC, TLC271BC
Unit
VDD = 5V
VDD = 10V
Min
Typ
Max
Min
Typ.
Max
VI°
Input Offset Voltage
TLC271C
V° = 1.4V, VIC =
0V,
RS =
50Ω,
RL =
100kΩ
+25
°
C
1.1
10
1.1
10
mV
0 to +70
°
C
12
12
TLC271AC
+25
°
C
0.9
5
0.9
5
0 to +70
°
C
6.5
6.5
TLC271BC
+25
°
C
0.25
2
0.26
2
0 to +70
°
C
3
3
αVI°
Average temperature coefficient of
input offset voltage
25 to +70
°
C
1.7
2.1
µV/°C
II°
Input offset current (Note 16)
V° = VDD/2, VIC
= VDD/2
+25
°
C
0.1
60
0.1
60
pA
+70
°
C
7
300
7
300
IIB
Input bias current (Note 16)
V° = VDD/2, VIC
= VDD/2
+25
°
C
0.6
60
0.7
60
pA
+70
°
C
40
600
50
600
VICR
Common mode input voltage (Note
17)
+25
°
C
-0.2 to
4
-0.3 to
4.2
-0.2 to
9
-0.3 to
9.2
V
0 to +70
°
C
-0.2 to
3.5
-0.2 to
8.5
V
V°H
High level output voltage
VID = 100mV, RL
= 100k
Ω
+25
°
C
3.2
3.9
8
8.7
V
0
°
C
3
3.9
7.8
8.7
+70
°
C
3
4
7.8
8.7
V°L
Low level output voltage
VID = -100mV,
I°L = 0
+25
°
C
0
50
0
50
mV
0
°
C
0
50
0
50
+70
°
C
0
50
0
50
AVD
Large signal differential voltage gain
RL = 100kΩ
(Note 18)
+25
°
C
25
170
25
275
V/mV
0
°
C
15
200
15
320
+70
°
C
15
140
15
230
CMRR Common mode rejection ratio
VIC = VICRmin
+25
°
C
65
91
65
94
dB
0
°
C
60
91
60
94
+70
°
C
60
92
60
94
kSVR
Supply voltage rejection ratio
(∆VDD/∆VI°)
VDD = 5V to 10V,
V° = 1.4V
+25
°
C
70
93
70
93
dB
0
°
C
60
92
60
92
+70
°
C
60
94
60
94
II(SEL)
Input current (BIAS SELECT)
VI(SEL) = 0
+25
°
C
-130
-160
nA
IDD
Supply current
V° = VDD/2, VIC
= VDD/2, No
load
+25
°
C
105
280
143
300
µA
0
°
C
125
320
173
400
+70
°
C
85
220
110
280
Notes:
16. The typical values of input bias current and input offset current below 5pA were calculated.
17. This range also applies to each input individually.
18. At VDD = 5 V, V° = 0.25 V to 2 V; at VDD = 10 V, V° = 1 V to 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com