Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8GFM Datasheet(PDF) 8 Page - Clarke International

Part # AP8GFM
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GFM Datasheet(HTML) 8 Page - Clarke International

Back Button AP8GFM Datasheet HTML 4Page - Clarke International AP8GFM Datasheet HTML 5Page - Clarke International AP8GFM Datasheet HTML 6Page - Clarke International AP8GFM Datasheet HTML 7Page - Clarke International AP8GFM Datasheet HTML 8Page - Clarke International AP8GFM Datasheet HTML 9Page - Clarke International AP8GFM Datasheet HTML 10Page - Clarke International AP8GFM Datasheet HTML 11Page - Clarke International AP8GFM Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PAINT THINNING
Paint thinning is particularly important when spraying. Many paints are
supplied ready for brush application and need to be sufficiently diluted for
spraying purposes. Always follow the paint manufacturers instructions. If in
doubt, always consult the paint manufacturer.
A Viscosity Cup (not supplied), will assist in determining the correct thickness of
the paint.
The ideal viscosity for most paints is as follows:
1. Dip the cup into the paint and fill to the brim. Time how long it takes for the
cup to empty.
2. Thin as required until times are achieved.
3. Alternatively if a viscosity cup is not available, the following information
can be used as a rough guide.
• Water based paints (emulsions) 10-20% water.
• Oil based paints (gloss) up to 10% thinners.
• Cellulose paints up to 50% cellulose thinners.
If in any doubt, contact the paint manufacturer.
4. Having mixed the paint thoroughly in a separate container, pour into the
spray gun paint container through a fine filter.
• DO NOT OVERFILL PAINT CONTAINER - never more than three
quarters full.
Water based paints
35-45 secs
Oil based paints
15-25 secs
Enamel paints
15-25 secs
Primers
20-30 secs
Varnishes
20-25 secs
Aluminium paints
15-25 secs
Wood preservatives
Do not dilute
Wood Stains
Do not dilute
Smooth masonry paint
Dilute by 10-15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com