Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT23C Datasheet(PDF) 4 Page - Clarke International

Part # CAT23C
Description  AIR IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT23C Datasheet(HTML) 4 Page - Clarke International

  CAT23C Datasheet HTML 1Page - Clarke International CAT23C Datasheet HTML 2Page - Clarke International CAT23C Datasheet HTML 3Page - Clarke International CAT23C Datasheet HTML 4Page - Clarke International CAT23C Datasheet HTML 5Page - Clarke International CAT23C Datasheet HTML 6Page - Clarke International CAT23C Datasheet HTML 7Page - Clarke International CAT23C Datasheet HTML 8Page - Clarke International CAT23C Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• Moving to another work area.
13. NEVER use the tool if it is defective or operating abnormally.
14. DO NOT damage the tool by applying excessive force.
15. ALWAYS maintain the tool with care. Keep it clean for the best and safest
performance.
16. Quick change couplings should not be located at the tool. They add
weight and could fail due to vibration.
17. DO NOT force or misuse the tool. It will do a better and safer job at the rate
for which it was designed.
18. This tool vibrates with use. Vibration may be harmful to your hands or arms.
Stop using the tool if discomfort, a tingling feeling or pain occurs. Seek
medical advice before resuming use.
IMPACT WRENCH SAFETY INSTRUCTIONS
1. ALWAYS use the impact wrench as described in these instructions.
2. ALWAYS ensure the wrench is not moving and disconnected from the air
supply when changing sockets etc. Use only Impact Wrench sockets....DO
NOT use standard sockets.
3. ALWAYS finish tightening wheel nuts or engine parts with a torque wrench or
suitable spanner to the correct torque as recommended by the vehicle
manufacturer.
4. ALWAYS avoid excessive use of the impact wrench. When tightening a nut
or bolt, only allow the wrench to impact briefly to avoid overtightening.
5. ALWAYS ensure that the socket is correctly installed before starting.
6. ALWAYS only use sockets which are specified for impact wrench use.
7. Due to the possible presence of asbestos dust from vehicle brake linings,
always wear suitable respiratory protection.
8. ALWAYS disconnect from the air supply when changing sockets or when
the impact wrench is not required for immediate use to avoid accidental
starting.
9. NEVER carry the impact wrench by the air hose.
10. ALWAYS use both hands to control the impact wrench.
11. ALWAYS ensure the impact wrench has stopped before putting it down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com