Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT121 Datasheet(PDF) 4 Page - Clarke International

Part # CAT121
Description  DUAL ACTION SANDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT121 Datasheet(HTML) 4 Page - Clarke International

  CAT121 Datasheet HTML 1Page - Clarke International CAT121 Datasheet HTML 2Page - Clarke International CAT121 Datasheet HTML 3Page - Clarke International CAT121 Datasheet HTML 4Page - Clarke International CAT121 Datasheet HTML 5Page - Clarke International CAT121 Datasheet HTML 6Page - Clarke International CAT121 Datasheet HTML 7Page - Clarke International CAT121 Datasheet HTML 8Page - Clarke International CAT121 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
13. NEVER use the tool if it is defective or operating abnormally.
14. This air tool should be serviced at regular intervals by qualified service
personnel.
15. AVOID damaging the air tool by applying excessive force of any kind.
16. ALWAYS maintain the air tool with care. Keep it clean for the best and safest
performance.
17. ALWAYS ensure the workpiece is firmly secured leaving both hands free to
control the tool.
18. ALWAYS ensure the tool has stopped before putting it down after use.
19. ALWAYS ensure that any attachments are correctly fastened before
connecting the tool to the power supply
20. DO NOT force or misuse the air tool. It will do a better and safer job at the
rate for which it was designed.
21. Quick change couplings should not be located at the tool. They add
weight and could fail due to vibration.
22. DO NOT remove any labels. Damaged labels should be replaced.
23. This tool vibrates with use. Vibration may be harmful to your hands or arms.
Stop using the tool if discomfort, a tingling feeling or pain occurs. Seek
medical advice before resuming use.
SANDER-SPECIFIC SAFETY RULES
1. Inspect the sanding pad before use. DO NOT use if cracked or broken.
Check that the rated speed of the backing pad is at least as high as that
of the machine.
2. AVOID contact with the moving sanding pad and wear suitable gloves to
protect the hands.
3. NEVER start the tool unless the abrasive pad is applied to the workpiece.
4. Beware of potentially explosive atmospheres being caused by dust / fumes
resulting from sanding and use dust extraction systems where possible.
5. ALWAYS wear a face mask when using the sander as protection from
airborne particles of sanded material. Avoid disturbing existing dust and
minimise the scattering of dust in the workplace environment. Take steps to
control the dust at the point of emission.
TRANSPORTATION
1. NEVER carry the tool by the air hose or with your finger on the trigger.
2. When not in use the tool should be disconnected from the air supply and
stored in a dry place out of the reach of children.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com