Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C64-12WKA3T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M28C64-12WKA3T
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64-12WKA3T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M28C64-12WKA3T Datasheet HTML 16Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 17Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 18Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 19Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 20Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 21Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 22Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 23Page - STMicroelectronics M28C64-12WKA3T Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
M28C64
Table 14. SO28 - 28 lead Plastic Small Outline, 300 mils body width
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
2.46
2.64
0.097
0.104
A1
0.13
0.29
0.005
0.011
A2
2.29
2.39
0.090
0.094
B
0.35
0.48
0.014
0.019
C
0.23
0.32
0.009
0.013
D
17.81
18.06
0.701
0.711
E
7.42
7.59
0.292
0.299
e
1.27
–
–
0.050
–
–
H
10.16
10.41
0.400
0.410
L
0.61
1.02
0.024
0.040
α
0
°
8
°
0
°
8
°
N28
28
CP
0.10
0.004
Figure 19. SO28 wide (MS)
Note:
1. Drawing is not to scale.
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com