Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTSTYLEHARDSEAT- Datasheet(PDF) 3 Page - NOSHOK, INC.

Part # COMPACTSTYLEHARDSEAT-
Description  Compact Style Hard Seat
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

COMPACTSTYLEHARDSEAT- Datasheet(HTML) 3 Page - NOSHOK, INC.

  COMPACTSTYLEHARDSEAT- Datasheet HTML 1Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 2Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 3Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 4Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 5Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 6Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
130
Dimensions
Manifold V alves, 5-V alve Power Pattern & Natural Gas
Flange-Female Power Pattern MSS SP-99 Spacing
12
2-1/2
1.65
25/64
3.35
1.00
2X 3/8-16 UNC
MOUNTING HOLES
2X 1/4-28 UNF
MOUNTING HOLES
12
2-1/2
1.65
25/64
3.35
1.00
2X 3/8-16 UNC
MOUNTING HOLES
2X 1/4-28 UNF
MOUNTING HOLES
1/2" NPT
PROCESS
Bottom View
Top View
4-5/8"
12
2-1/2
1.65
25/64
3.35
1.00
2X 3/8-16 UNC
MOUNTING HOLES
2X 1/4-28 UNF
MOUNTING HOLES
INSTRUMENT
PORT SPACING
COMPATIBLE
WITH MSS
SP-99
1-7/8"
2X
1/4” NPT VENT
2-1/2"
2-1/2"
Front View
9-23/32” OPEN
9-1/8” CLOSED
4-5/8"
Ø1/2"
1-1/4"
2-1/8"
1-5/8"
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com