Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIAPHRAGMTYPE Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # DIAPHRAGMTYPE
Description  Diaphragm Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

DIAPHRAGMTYPE Datasheet(HTML) 2 Page - NOSHOK, INC.

  DIAPHRAGMTYPE Datasheet HTML 1Page - NOSHOK, INC. DIAPHRAGMTYPE Datasheet HTML 2Page - NOSHOK, INC. DIAPHRAGMTYPE Datasheet HTML 3Page - NOSHOK, INC. DIAPHRAGMTYPE Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
44
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
1100 SERIES
25-11 1 2 – P75 – A 2 P – 1
Gauge size & series ............................... 2-1/2" 1100 Series
Connection location.....................................................Back
Connection size .........................................1/4" NPT female
Pressure range...........................................0 psid to 75 psid
Sensor housing material .......................... Aluminum, black
O-ring material..............................................................FKM
Case material..........................................Engineered plastic
Lens.................................................Shatter-resistant acrylic
EXAMPLE
ORDERING INFORMATION
GAUGE SIZES & SERIES
25 - 11 2-1/2″
45 - 11 4-1/2″
60 - 11 6″
CONNECTION LOCATIONS
0 Dual top & bottom ***
1 Back
2 Side
3 Bottom
CONNECTION SIZE
2 1/4″ NPT female
9 7/16-20 female (Back or side only)
PRESSURE RANGES*
W20 0 inH
2O to 20 inH2O
W75 0 inH
2O to 75 inH2O
W400 0 inH
2O to 400 inH2O
P30 0 psid to 30 psid
W25 0 inH
2O to 25 inH2O
W100 0 inH
2O to 100 inH2O
P5 0 psid to 5 psid
P50 0 psid to 50 psid
W30 0 inH
2O to 30 inH2O
W135 0 inH
2O to 135 inH2O
P10 0 psid to 10 psid
P60 0 psid to 60 psid
W40 0 inH
2O to 40 inH2O
W150 0 inH
2O to 150 inH2O
P15 0 psid to 15 psid
P75 0 psid to 75 psid
W50 0 inH
2O to 50 inH2O
W200 0 inH
2O to 200 inH2O
P20 0 psid to 20 psid
P100 0 psid to 100 psid
W60 0 inH
2O to 60 inH2O
W300 0 inH
2O to 300 inH2O
P25 0 psid to 25 psid
SENSOR HOUSING MATERIALS
A Aluminum, black
B Brass
S 316L Stainless Steel
O-RING & DIAPHRAGM MATERIALS
2 FKM
3 NBR
4 EPDM
CASE MATERIAL
A Aluminum (4-1/2" only)
P Engineered plastic
LENSES
1 Shatter-resistant acrylic
2 Safety glass**
3 Maximum indicating pointer (MIP) †
FILL FLUIDS (optional)
GY Glycerin
SL Silicone † †
SWITCH OR TRANSMITTER TYPE &
HOUSING (OPTIONAL)
3 Single switch, NEMA 4X
7 4-20 mA transmitter in NEMA 4x IP65 plastic enclosure with
terminal strip (1/2" female NPT conduit connection).
4 Dual switch, NEMA 4X
OPTIONS
MH (2) 1/4-20 Mounting Holes
RP Reversed Ports
MK5-CS Pipe Mounting Kit, Steel
ST Stainless Steel Tagging
MK5-SS Pipe Mounting Kit, Stainless Steel
WMK Wall Mounting Kit
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
* Other ranges and scales available on request.
** Only available with dry, 4-1/2" gauge size with Aluminum case.
*** Not available with switch or transmitter option.
†
Available with dry gauge only, 2-1/2" and 4-1/2" gauge sizes only.
† †
Optional Silicone filling available with 2-1/2" and 6" gauge case sizes, and 4-1/2" gauge case size with Aluminum case and standard shatter-resistant acrylic lens only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com