Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMCS7024PB Datasheet(PDF) 2 Page - Whirlpool.

Part # WMCS7024PB
Description  MICROWAVE OVEN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WMCS7024PB Datasheet(HTML) 2 Page - Whirlpool.

  WMCS7024PB Datasheet HTML 1Page - Whirlpool. WMCS7024PB Datasheet HTML 2Page - Whirlpool. WMCS7024PB Datasheet HTML 3Page - Whirlpool. WMCS7024PB Datasheet HTML 4Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSION GUIDE
MICROWAVE OVEN
NOTE: Specifications subject to change without notice.
2 of 4
MICROWAVE INTERIOR CAVITY DIMENSIONS
MODEL #
WMCS7024PB/WMCS7024PW
WMCS7024PZ/UMCS5022PZ
Unit of Measurement
in
cm
Cavity Height (A)
119⁄16
29.4
Cavity Width (B)
187⁄16
46.9
Cavity Depth (C)
185⁄8
47.3
CAVITY INTERIOR FRONT VIEW
CAVITY INTERIOR SIDE VIEW
CAVITY INTERIOR TOP VIEW
B
A
FRONT
C
A
FRONT
B
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com