Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT220 Datasheet(PDF) 4 Page - Clarke International

Part # CAT220
Description  3” ANGLE POLISHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT220 Datasheet(HTML) 4 Page - Clarke International

  CAT220 Datasheet HTML 1Page - Clarke International CAT220 Datasheet HTML 2Page - Clarke International CAT220 Datasheet HTML 3Page - Clarke International CAT220 Datasheet HTML 4Page - Clarke International CAT220 Datasheet HTML 5Page - Clarke International CAT220 Datasheet HTML 6Page - Clarke International CAT220 Datasheet HTML 7Page - Clarke International CAT220 Datasheet HTML 8Page - Clarke International CAT220 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
10. NEVER use the tool if it is defective or operating abnormally.
11. ALWAYS disconnect from the air supply when:
• Performing any maintenance.
• The tool is not in use.
• The tool will be left unattended.
• Moving to another work area.
• Passing the tool to another person.
12. Avoid damaging the tool by applying excessive force of any kind.
13. ALWAYS maintain the tool with care. Keep it clean for the best and safest
performance.
14. Quick change couplings should not be located at the tool. They add
weight and could fail due to vibration.
15. DO NOT force or misuse the tool. It will do a better and safer job at the rate
for which it was designed.
16. This tool vibrates with use. Vibration may be harmful to your hands or arms.
Stop using the tool if discomfort, a tingling feeling or pain occurs. Seek
medical advice before resuming use.
USE OF THE POLISHING TOOL
1. Try to hold the tool with both hands. Ensure that the workpiece is kept at
waist height where possible. NEVER use the tool between the legs whilst
sitting on the floor.
2. ALWAYS allow the tool to run up to full operating speed before applying it
to the job.
3. Use clamps, or vices to hold a loose workpiece. Failure to secure the
workpiece could result in personal injury.
4. Inspect the pad/mop before use. DO NOT use if split or torn.
5. ALWAYS wear a face mask as protection from airbourne particles. Avoid
disturbing existing dust and minimise the scattering of dust in the worplace
environment. Take steps to control the dust at the point of emission.
TRANSPORTATION AND STORAGE
1. NEVER carry the tool by the air supply hose.
2. NEVER carry the tool with your finger on the trigger.
3. When not in use the tool should be disconnected from the air supply and
stored in a dry place out of the reach of children.
4. Avoid storing the tool in environments where the temperature is below 0oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com