Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT231 Datasheet(PDF) 4 Page - Clarke International

Part # CAT231
Description  IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT231 Datasheet(HTML) 4 Page - Clarke International

  CAT231 Datasheet HTML 1Page - Clarke International CAT231 Datasheet HTML 2Page - Clarke International CAT231 Datasheet HTML 3Page - Clarke International CAT231 Datasheet HTML 4Page - Clarke International CAT231 Datasheet HTML 5Page - Clarke International CAT231 Datasheet HTML 6Page - Clarke International CAT231 Datasheet HTML 7Page - Clarke International CAT231 Datasheet HTML 8Page - Clarke International CAT231 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• The tool is not in use.
• The air tool will be left unattended.
• Moving to another work area.
14. DO NOT use the tool if it is defective or operating abnormally.
15. DO NOT damage the air tool by applying excessive force.
16. ALWAYS maintain the tool with care for the best and safest performance.
17. Quick change couplings should not be located at the tool. They add
weight and could fail due to vibration.
18. DO NOT force or misuse the tool. It will do a better and safer job at the rate
for which it was designed.
19. This tool vibrates with use. Vibration may be harmful to your hands or arms.
Stop using the tool if discomfort, a tingling feeling or pain occurs. Seek
medical advice before resuming use.
20. When not in use the air tool must be disconnected from the air supply and
stored in a dry place out of the reach of children.
IMPACT WRENCH SAFETY INSTRUCTIONS
1. ALWAYS use the impact wrench as described in these instructions.
2. ALWAYS ensure the wrench is not moving and disconnected from the air
supply when changing sockets etc. Use only Impact Wrench sockets....DO
NOT use standard sockets.
3. ALWAYS finish tightening wheel nuts or engine parts with a torque wrench or
suitable spanner to the correct torque as recommended by the vehicle
manufacturer.
4. ALWAYS avoid excessive use of the wrench. When tightening a nut or bolt,
only allow the wrench to impact briefly to avoid over tightening.
5. ALWAYS ensure that the socket is correctly installed before switching on.
6. ALWAYS use sockets which are specified for impact wrench use.
7. Due to the possible presence of asbestos dust from brake linings, always
wear suitable respiratory protection.
8. ALWAYS disconnect from the air supply when changing sockets or when the
wrench is not required for immediate use in order to avoid accidental
starting.
9. ALWAYS use both hands to control the impact wrench.
10. ALWAYS ensure the wrench has stopped before putting it down after use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com