Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT205 Datasheet(PDF) 4 Page - Clarke International

Part # CAT205
Description  1/4”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT205 Datasheet(HTML) 4 Page - Clarke International

  CAT205 Datasheet HTML 1Page - Clarke International CAT205 Datasheet HTML 2Page - Clarke International CAT205 Datasheet HTML 3Page - Clarke International CAT205 Datasheet HTML 4Page - Clarke International CAT205 Datasheet HTML 5Page - Clarke International CAT205 Datasheet HTML 6Page - Clarke International CAT205 Datasheet HTML 7Page - Clarke International CAT205 Datasheet HTML 8Page - Clarke International CAT205 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
6. DO NOT exceed the maximum pressure for the tool of 90 psi / 6.2 bar.
7. Check hoses for leaks or worn condition before use, and ensure that all
connections are secure.
8. Keep the air supply hose away from heat, oil and sharp edges.
9. DO NOT use the tool for any purpose than that described in this manual.
10. DO NOT fit the tool to any stand or clamping device that may damage it.
11. DO NOT carry out any alterations or modifications to the tool.
12. ALWAYS disconnect from the air supply when:
• Performing any maintenance.
• The tool is not in use.
• The tool will be left unattended.
• Moving to another work area.
• Passing the tool to another person.
13. NEVER use the tool if it is defective or operating abnormally.
14. This tool should be serviced at regular intervals by qualified service
personnel.
15. Avoid damaging the tool for example by applying excessive force of any
kind.
16. ALWAYS maintain the tool with care. Keep it clean for the best and safest
performance.
17. Quick change couplings should not be located at the tool. They add
weight and could fail due to vibration.
18. DO NOT force or misuse the tool. It will do a better and safer job at the rate
for which it was designed.
19. DO NOT remove any labels. Damaged labels should be replaced.
20. This tool vibrates with use. Vibration may be harmful to your hands or arms.
Stop using the tool if discomfort, a tingling feeling or pain occurs. Seek
medical advice before resuming use.
TRANSPORT & STORAGE
1. DO NOT carry the tool by the air hose.
2. Never carry an air tool with your finger on the trigger.
3. When not in use the air tool must be disconnected from the air supply and
stored in a dry place out of the reach of children.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com