Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT213 Datasheet(PDF) 4 Page - Clarke International

Part # CAT213
Description  AIR NIBBLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT213 Datasheet(HTML) 4 Page - Clarke International

  CAT213 Datasheet HTML 1Page - Clarke International CAT213 Datasheet HTML 2Page - Clarke International CAT213 Datasheet HTML 3Page - Clarke International CAT213 Datasheet HTML 4Page - Clarke International CAT213 Datasheet HTML 5Page - Clarke International CAT213 Datasheet HTML 6Page - Clarke International CAT213 Datasheet HTML 7Page - Clarke International CAT213 Datasheet HTML 8Page - Clarke International CAT213 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
THE WORK ENVIRONMENT
1. ALWAYS keep the work area clean and tidy.
2. ALWAYS dress appropriately - Do not wear loose clothing or jewellery. Tie
long hair out of the way.
3. ALWAYS keep children and visitors away - Do not let children handle the
tool.
4. DO NOT operate the tool where there are flammable liquids or gases.
USE OF AIR POWERED TOOLS
1. ALWAYS stay alert and use common sense - do not operate the tool when
you are tired or under the influence of alcohol, drugs or medication.
2. ALWAYS wear eye protectors when using the nibbler - Eye protection must
provide protection from flying particles from the front and the side.
3. ALWAYS wear ear protectors when using the tool.
4. DO NOT overreach - Keep proper footing and balance at all times.
5. DO NOT use any type of bottled gas as a source of power for the tool.
6. DO NOTconnect the air supply hose with your finger on the trigger.
7. DO NOT exceed the maximum pressure for the tool of 90 psi / 6.2 bar.
8. ALWAYS heck hoses for leaks or worn condition before use and ensure that
all connections are secure.
9. ALWAYS keep the air supply hose away from heat, oil and sharp edges.
10. DO NOT use this tool for any other purpose than that described in this
manual.
11. DO NOT fit this tool to any stand or clamping device that may damage it.
12. DO NOT carry out any alterations or modifications to this tool.
13. ALWAYS disconnect from the air supply when:
• Performing any maintenance
• The tool is not in use.
CAUTION: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN
PERSONAL INJURY, AND/OR DAMAGE TO PROPERTY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com