Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4060M Datasheet(PDF) 5 Page - STMicroelectronics

Part # HC4060M
Description  14 STAGE BINARY COUNTER/OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC4060M Datasheet(HTML) 5 Page - STMicroelectronics

  HC4060M Datasheet HTML 1Page - STMicroelectronics HC4060M Datasheet HTML 2Page - STMicroelectronics HC4060M Datasheet HTML 3Page - STMicroelectronics HC4060M Datasheet HTML 4Page - STMicroelectronics HC4060M Datasheet HTML 5Page - STMicroelectronics HC4060M Datasheet HTML 6Page - STMicroelectronics HC4060M Datasheet HTML 7Page - STMicroelectronics HC4060M Datasheet HTML 8Page - STMicroelectronics HC4060M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(øI - Q4)
2.0
170
300
375
450
ns
4.5
41
60
75
90
6.0
30
51
64
76
tPD
Propagation Delay
Time Difference
(Qn- Qn+1)
2.0
32
75
95
110
ns
4.5
7
151922
6.0
5
131619
tPLH
tPHL
Propagation
Delay Time
(CLEAR - Qn)
2.0
85
195
245
295
ns
4.5
23
39
49
59
6.0
17
33
42
50
fMAX
Maximum Clock
Frequency
2.0
6
12
5
4
ns
4.5
30
50
24
20
6.0
35
65
28
24
tW(H)
tW(L)
Minimum Pulse
Width (øI)
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tW(H)
Minimum Pulse
Width (CLEAR)
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tREM
Minimum
Removal Time
2.0
40
100
125
150
ns
4.5
10
20
25
30
6.0
9
172126
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
27
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/ M74HC4060
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com