Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29F002
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29F002 Datasheet HTML 2Page - STMicroelectronics M29F002 Datasheet HTML 3Page - STMicroelectronics M29F002 Datasheet HTML 4Page - STMicroelectronics M29F002 Datasheet HTML 5Page - STMicroelectronics M29F002 Datasheet HTML 6Page - STMicroelectronics M29F002 Datasheet HTML 7Page - STMicroelectronics M29F002 Datasheet HTML 8Page - STMicroelectronics M29F002 Datasheet HTML 9Page - STMicroelectronics M29F002 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Operation
E
G
W
RPNC
(6)
A0
A1
A6
A9
A12
A15
DQ0-DQ7
Read Byte
VIL
VIL
VIH
VIH/NC
(5)
A0
A1
A6
A9
A12
A15
Data Output
Write Byte
VIL
VIH
VIL
VIH/NC
(5)
A0
A1
A6
A9
A12
A15
Data Input
Output Disable
VIL
VIH
VIH
VIH/NC
(5)
XX
XXXX
Hi-Z
Standby
VIH
XX
VIH/NC
(5)
XX
XXXX
Hi-Z
Reset
(6)
XX
X
VIL
XX
XXXX
Hi-Z
Block
Protection
(2,4)
VIL
VID
VIL Pulse VIH/NC
(5)
XX
X
VID
XX
X
Blocks
Unprotection
(4)
VID
VID
VIL Pulse
VIH/NC
(5)
XX
X
VID
VIH
VIH
X
Block
Protection
Verify
(2,4)
VIL
VIL
VIH
VIH/NC
(5)
VIL
VIH
VIL
VID
A12
A15
Block Protect
Status
(3)
Block
Unprotection
Verify
(2,4)
VIL
VIL
VIH
VIH/NC
(5)
VIL
VIH
VIH
VID
A12
A15
Block Protect
Status
(3)
Block
Temporary
Unprotection
(6)
XX
X
VID
XX
XXXX
X
Notes: 1. X = VIL or VIH
2. Block Address must be given on A13-A17 bits.
3. See Table 6.
4. Operation performed on programming equipment.
5. RPNC can be held at VIH or left open (Not Connected).
6. Not Available on M29F002NT.
Table 4. User Bus Operations (1)
Code
Device
E
G
W
A0
A1
Other
Addresses
DQ0 - DQ7
Manufact. Code
VIL
VIL
VIH
VIL
VIL
Don’t Care
20h
Device Code
M29F002T
M29F002NT
VIL
VIL
VIH
VIH
VIL
Don’t Care
B0h
M29F002B
VIL
VIL
VIH
VIH
VIL
Don’t Care
34h
Table 5. Read Electronic Signature (following AS instruction or with A9 = VID)
Code
E
G
W
A0
A1
A13 - A17
Other
Addresses
DQ0 - DQ7
Protected Block
VIL
VIL
VIH
VIL
VIH
Block Address
Don’t Care
01h
Unprotected Block
VIL
VIL
VIH
VIL
VIH
Block Address
Don’t Care
00h
Table 6. Read Block Protection with AS Instruction
6/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com