Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC423 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC423
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC423 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC423 Datasheet HTML 3Page - STMicroelectronics M54HC423 Datasheet HTML 4Page - STMicroelectronics M54HC423 Datasheet HTML 5Page - STMicroelectronics M54HC423 Datasheet HTML 6Page - STMicroelectronics M54HC423 Datasheet HTML 7Page - STMicroelectronics M54HC423 Datasheet HTML 8Page - STMicroelectronics M54HC423 Datasheet HTML 9Page - STMicroelectronics M54HC423 Datasheet HTML 10Page - STMicroelectronics M54HC423 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
ns
4.5
8
15
19
6.0
7
13
16
tPLH
tPHL
Propagation
Delay Time
(A, B - Q, Q)
2.0
102
210
265
ns
4.5
29
42
53
6.0
22
36
45
tPLH
tPHL
Propagation
Delay Time
(CLR - Q, Q)
2.0
68
160
200
ns
4.5
20
32
40
6.0
16
27
34
tWOUT
Output Pulse
Width
(for HC423)
2.0
CX = 100 pF
RX =10 K
Ω
1.3
µs
4.5
1.1
6.0
1
2.0
CX = 0.1
µF
RX = 100 K
Ω
4.8
ms
4.5
4.6
6.0
4.5
tWOUT
Output Pulse
Width
(for HC423A)
2.0
CX = 100 pF
RX =10 K
Ω
1.7
µs
4.5
1.4
6.0
1.3
2.0
CX = 0.1
µF
RX = 100 K
Ω
10
ms
4.5
9.5
6.0
9.5
∆tWOUT
Output Pulse
Width Error
Between Circuits
in Same Package
±1
%
tW(H)
tW(L)
Minimum Pulse
Width
2.0
75
95
ns
4.5
15
19
6.0
13
16
tW(L)
Minimum Pulse
Width
2.0
75
95
ns
4.5
15
19
6.0
13
16
trr
Minimum
Retrigger Time
2.0
CX = 100 pF
RX =1 K
Ω
325
ns
4.5
108
6.0
78
2.0
CX = 0.1
µF
RX = 100 K
Ω
5
µs
4.5
1.4
6.0
1.2
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
160
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(RefertoTestCircuit). Average operting current canbeobtained by the following equation. ICC(opr) =CPD
•VCC •fIN +ICC’ Duty/100 + IC/2(per monostable)
(ICC’: Active Supply Current) (Duty:%)
M54/M74HC423/423A
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com