Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A14232E/HS Datasheet(PDF) 4 Page - United Automation Ltd. All rights reserved

Part # A14232E/HS
Description  RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

A14232E/HS Datasheet(HTML) 4 Page - United Automation Ltd. All rights reserved

  A14232E/HS Datasheet HTML 1Page - United Automation Ltd. All rights reserved A14232E/HS Datasheet HTML 2Page - United Automation Ltd. All rights reserved A14232E/HS Datasheet HTML 3Page - United Automation Ltd. All rights reserved A14232E/HS Datasheet HTML 4Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
X10250 Commercial Catering Equipment | Catering Heater Controller
QVR – QVR/S – QLC
RFI Suppression with 15A, 17A, 110V & 230V
Variable AC Regulator
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
1 July 2025 | Issue: 12
Page
4 of 4
OPTIONAL EXTRAS
Product Code
Product Description
N30001
Control Knob RN-113B SCI
L60011
DIAL QVR TYPE
L60012
DIAL QLC TYPE
Z01062
Heatsink Compound Syringe (Must be applied while fitting)
PRODUCT CODE AND RELATED PRODUCT CODE
QVR
Product Code
Product Description
A14118E
Quartz Lamp Phase Angle 15A 110V Regulator [QVR TB RFI]
A14231E
Quartz Lamp Phase Angle 15A 230V Regulator [QVR TB RFI]
A12217E
Quartz Lamp Phase Angle 17A 230V Regulator [QVR RFI]
QVR/S
Product Code
Product Description
A14117E
Quartz Lamp Phase Angle 15A 110V Switched Regulator [QVR/S TB RFI]
A14232E
Quartz Lamp Phase Angle 15A 230V Switched Regulator [QVR/S TB RFI]
A14232E/HS
Quartz Lamp Phase Angle 15A 230V Switched Regulator – High Surge [QVR/S TB RFI]
A13218E
Quartz Lamp Phase Angle 17A 230V Switched Regulator [QVR/S RFI]
QLC
Product Code
Product Description
A11101E
Quartz Lamp Phase Angle 15A 110V 3 Position Switched Regulator [QLC TB RFI]
A11200E
Quartz Lamp Phase Angle 15A 230V 3 Position Switched Regulator [QLC TB RFI]
A11215E
Quartz Lamp Phase Angle 17A 230V 3 Position Regulator [QLC RFI]
PRODUCT CODE AND RELATED PRODUCT CODE (UL CERTIFIED MARK) – E319489
QVR
Product Code
Product Description
A14133
Quartz Lamp Phase Angle 15A 120V Regulator [
QVR-RFI-TB-(UL)]
A14233
Quartz Lamp Phase Angle 15A 230V Regulator [
QVR-RFI-TB-(UL)]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com