Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02/4 Datasheet(PDF) 1 Page - United Automation Ltd. All rights reserved

Part # AP02/4
Description  110V, 230V, 400V High Power Three Phase Thyristor Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

AP02/4 Datasheet(HTML) 1 Page - United Automation Ltd. All rights reserved

  AP02/4 Datasheet HTML 1Page - United Automation Ltd. All rights reserved AP02/4 Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V
YOU MUST READ THIS BEFORE INSTALLATION
ELECTRICAL SAFETY
INSTALLATION REQUIREMENTS
USER RESTRICTIONS
USAGE ENVIRONMENT
HOT SURFACE WARNING
WARNING: RISK OF ELECTRIC SHOCK
Always consult the Installation & Maintenance Instructions
before connecting this product to the power supply.
WARNING: Disconnect Power Before Servicing
Ensure the electrical supply is safely disconnected before
connecting to any supply, load, or control terminals.
WARNING: Installation by Qualified
Personnel Only
This product must only be installed or fitted by
a competent, qualified installer familiar with
the relevant electrical standards and
installation practices.
WARNING: Not for Use by Vulnerable Individuals
This product is not intended for use by persons
(including children) with reduced physical, sensory or
mental capabilities, or lack of experience and
knowledge, unless they are supervised or instructed
by a person responsible for their safety.
WARNING: Industrial Use Only
This is an industrial-grade product
and is not intended for household
use.
WARNING: Hot Surfaces
On certain models, surfaces marked
with this symbol become hot during
use. Avoid direct contact and follow all
thermal safety precautions.
More Info: https://united-automation.com/general-product-safety-regulation-gpsr/
1 July 2025 | Issue: 5 Page
1 of 2
TRIAC DRIVERS
FC36MV DUAL Mode Firing
X10622
110V, 230V, 400V
High Power Three Phase Thyristor Driver
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
CONTACT US:
KEY FEATURES:
The
FC36MV Dual Mode Firing, High-Power 3-Phase Thyristor Driver is a
sophisticated, microprocessor-based firing circuit designed for seamless
integration into three-phase power control assemblies. This populated PCB is
ideal for controlling thyristors (SCRs) in high-power industrial applications.
Available in various supply voltage configurations, the FC36MV minimises phase
wiring complexity with its simplified gate/cathode outputs, eliminating the need for
external phasing transformers. The versatile driver offers a wide array of
selectable features, ensuring precision control and reliable performance.
Optimise your industrial power control solutions with the FC36MV, the ultimate
high-power thyristor driver designed for precision and reliability in demanding
environments.
Auto Phase Rotation
Correction & Phase-Loss
Detection.
Switch-Selectable Phasing
Reversal.
Versatile Control Modes:
Phase-Angle, Burst-Fire,
Combination
Opto-Isolated
Analogue/Digital Input
Options.
Load Type Selection
Switch: Tailors
performance for resistive or
inductive loads.
LED Status Indicators:
Provides real-time
operational feedback.
Current Limit & Over-
Current Protection.
Adjustable Ramp Control:
Smooth startup with
0-30 seconds delay.
TECHNICAL SPECIFICATIONS
Nominal Supply Voltages (±10%)
110V, 230V, 400V, or 440V AC @
50/60Hz
Primary Fusing
Three HRC-F1A (ceramic 20 x 5mm)
Current Consumption
650mA (Full Conduction)
Initial Short Circuit Gate Current
750mA
Sustaining Short Circuit Gate Current
400mA
Initial Pulse Voltage
9V
Sustaining Pulse Voltage
5V
Pulse Train Frequency
25kHz
Trigger Mode – selected by input
Burst Fire and Phase Angle
Voltage Signal into 10KΩ/20KΩ
0-5V DC/10V DC
Current Signal into 270Ω
4-20mA
Opto-isolated Inputs
5-24V DC
Adjustable Ramp Control from Power
Up
0-30 seconds
Control Limit or Over-current Trip
0-5V DC
Load Type – selected by switch (SW4)
Resistive or Inductive
Operating and Storage Temperature
Range
0°C to +65°C
Overall Dimensions
Firing Circuit Board (PCB) only
(L x W x H) (mm)
203 x 108 x 40
Fixing Centres of PCB
(6 x M3.5mm holes)
2 rows (75mm apart) of 3 holes
(96.5mm between each)
Firing Circuit with DIN-rail Enclosure
(L x W x H) (mm)
207 x 128 x 70
APPLICATIONS:
Universally compatible with AC,
DC, resistive, or inductive loads
via thyristor pairs in three-
phase assemblies. Its SCR
power handling capabilities
provide smooth, proportional
control across various industrial
processes, including furnaces,
electroplating, controlled
rectifiers, and transformer
management.


Similar Part No. - AP02/4

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
AP02/4 UNITEDAUTOMATION-AP02/4 Datasheet
645Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
9 December 2025
More results

Similar Description - AP02/4

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DFA75BA80 SANREX-DFA75BA80 Datasheet
118Kb / 3P
THREE PHASE DIODE THYRISTOR
logo
Semikron International
SKHIT01 SEMIKRON-SKHIT01 Datasheet
98Kb / 4P
Thyristor driver for three phase half controlled bridge
SKHIT01 SEMIKRON-SKHIT01_07 Datasheet
44Kb / 1P
Thyristor driver for three phase half controlled bridge
logo
Jiangsu APT Semiconduct...
MT75DT18L1 APTSEMI-MT75DT18L1 Datasheet
278Kb / 5P
Three Phase Bridge Thyristor
MT100DT18L1 APTSEMI-MT100DT18L1 Datasheet
278Kb / 5P
Three Phase Bridge Thyristor
MT150DT18L2 APTSEMI-MT150DT18L2 Datasheet
274Kb / 5P
Three Phase Bridge Thyristor
MT200DT18L2 APTSEMI-MT200DT18L2 Datasheet
274Kb / 5P
Three Phase Bridge Thyristor
logo
List of Unclassifed Man...
MSDT100 ETC2-MSDT100 Datasheet
304Kb / 5P
Three Phase Bridge Thyristor
MSDT200 ETC2-MSDT200 Datasheet
301Kb / 5P
Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
MTPT75 NELLSEMI-MTPT75_17 Datasheet
698Kb / 5P
Three-Phase Bridge Thyristor,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com